Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 99 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 99 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 95Page - Microchip Technology LAN9250 Datasheet HTML 96Page - Microchip Technology LAN9250 Datasheet HTML 97Page - Microchip Technology LAN9250 Datasheet HTML 98Page - Microchip Technology LAN9250 Datasheet HTML 99Page - Microchip Technology LAN9250 Datasheet HTML 100Page - Microchip Technology LAN9250 Datasheet HTML 101Page - Microchip Technology LAN9250 Datasheet HTML 102Page - Microchip Technology LAN9250 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 99
LAN9250
8 AND 16-BIT ACCESS
For certain register accesses, the host is required to perform two or four consecutive 16 or 8-bit reads to complete a
single DWORD transfer. No ordering requirements exist. The host can access either the low or high WORD or BYTE
first, as long as the other read(s) is(are) performed from the remaining WORD or BYTEs.
A read BYTE / WORD counter keeps track of the number of reads. Each Data Register has its own BYTE / WORD
counter. These counters are separate from the write counters above. At the trailing edge of the read cycle, the appro-
priate counter (based on the captured host address from above) is incremented. On the last read for the DWORD, an
internal read is performed to update any Change on Read CSRs.
All of the read BYTE / WORD counters are reset if the power management mode is set to anything other than D0.
SPECIAL CSR HANDLING
Live Bits
Any register bit that is updated by a H/W event is held at the beginning of the read cycle to prevent it from changing
during the read cycle.
Multiple BYTE / WORD Live Registers in 16 or 8-Bit Modes
Some internal registers have fields or related fields that span across multiple BYTEs or WORDs. For 16 and 8-bit data
reads, it is possible that the value of these fields change between host read cycles. In order to prevent reading interme-
diate values, these registers are locked when the first byte or word is read and unlocked when the last byte or word is
read.
The registers are unlocked if the power management mode is set to anything other than D0.
Change on Read Registers and FIFOs
FIFOs or “Change on Read” registers, are updated at the end of the read cycle.
For 16 and 8-bit modes, only one internal read cycle is indicated and occurs for the last byte or word.
Change on Read Live Register Bits
As described above, registers with live bits are held starting at the beginning of the read cycle and those that have mul-
tiple bits that span across BYTES or WORDS are also locked for 16 and 8-bit accesses. Although a H/W event that
occurs during the hold or lock time would still update the live bit(s), the live bit(s) will be affected (cleared, etc.) at the
end of the read cycle and the H/W event would be lost.
In order to prevent this, the individual CSRs defer the H/W event update until after the read or multiple reads.
Registers Polling During Reset or Initialization
Some registers support polling during reset or device initialization to determine when the device is accessible. For these
registers, only one read may be performed without the need to read the other WORD or BYTEs. The same BYTE or
WORD of the register may be re-read repeatedly.
A register that is 16 or 8-bit readable or readable during reset or device initialization, is noted in its register description.
9.5.4.3
Host Endianness
The device supports big and little endian host byte ordering based upon the endianness bits in the Host Bus Interface
Configuration Register. When the appropriate endianness bit is low, host access is little endian and when high, host
access is big endian. Endianness is specified for each Index / Data pair and for FIFO Direct Select accesses.
All internal busses are 32-bit with little endian byte ordering. Logic within the Host Bus Interface re-orders bytes based
on the appropriate endianness bit, and the state of the least significant address lines (ADDR[1:0]).
Note:
Reading the same WORD or BYTEs from the same DWORD may cause undefined or undesirable opera-
tion. The HBI hardware does not protect against this operation. The HBI simply counts that four BYTEs
have been read.
Accessing the same internal register using two Index / Data register pairs may cause undefined or unde-
sirable operation. The HBI hardware does not protect against this operation.
Mixing reads and writes into the same Data register may cause undefined or undesirable operation. The
HBI hardware does not protect against this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com