Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 68Page - Microchip Technology LAN9250 Datasheet HTML 69Page - Microchip Technology LAN9250 Datasheet HTML 70Page - Microchip Technology LAN9250 Datasheet HTML 71Page - Microchip Technology LAN9250 Datasheet HTML 72Page - Microchip Technology LAN9250 Datasheet HTML 73Page - Microchip Technology LAN9250 Datasheet HTML 74Page - Microchip Technology LAN9250 Datasheet HTML 75Page - Microchip Technology LAN9250 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 421 page
background image
LAN9250
DS00001913A-page 72
 2015 Microchip Technology Inc.
8.3.3
INTERRUPT ENABLE REGISTER (INT_EN)
This register contains the interrupt enables for the IRQ output pin. Writing 1 to any of the bits enables the corresponding
interrupt as a source for IRQ. Bits in the Interrupt Status Register (INT_STS) register will still reflect the status of the
interrupt source regardless of whether the source is enabled as an interrupt in this register (with the exception of Soft-
ware Interrupt Enable (SW_INT_EN). For descriptions of each interrupt, refer to the Interrupt Status Register (INT_STS)
bits, which mimic the layout of this register.
Offset:
05Ch
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt Enable (SW_INT_EN)
R/W
0b
30
Device Ready Enable (READY_EN)
R/W
0b
29
1588 Interrupt Event Enable (1588_EVNT_EN)
R/W
0b
28:27
RESERVED
RO
-
26
PHY Interrupt Event Enable (PHY_INT_EN)
R/W
0b
25
TX Stopped Interrupt Enable (TXSTOP_INT_EN)
R/W
0b
24
RX Stopped Interrupt Enable (RXSTOP_INT_EN)
R/W
0b
23
RX Dropped Frame Counter Halfway Interrupt Enable
(RXDFH_INT_EN)
R/W
0b
22
RESERVED
RO
-
21
TX IOC Interrupt Enable (TIOC_INT_EN)
R/W
0b
20
RX DMA Interrupt Enable (RXD_INT_EN)
R/W
0b
19
GP Timer Interrupt Enable (GPT_INT_EN)
R/W
0b
18
RESERVED
RO
-
17
Power Management Event Interrupt Enable (PME_INT_EN)
R/W
0b
16
TX Status FIFO Overflow Interrupt Enable (TXSO_EN)
R/W
0b
15
Receive Watchdog Time-out Interrupt Enable (RWT_INT_EN)
R/W
0b
14
Receiver Error Interrupt Enable (RXE_INT_EN)
R/W
0b
13
Transmitter Error Interrupt Enable (TXE_INT_EN)
R/W
0b
12
GPIO Interrupt Event Enable (GPIO_EN)
R/W
0b
11
RESERVED
RO
-
10
TX Data FIFO Overrun Interrupt Enable (TDFO_EN)
R/W
0b
9
TX Data FIFO Available Interrupt Enable (TDFA_EN)
R/W
0b
8
TX Status FIFO Full Interrupt Enable (TSFF_EN)
R/W
0b
7
TX Status FIFO Level Interrupt Enable (TSFL_EN)
R/W
0b
6
RX Dropped Frame Interrupt Enable (RXDF_INT_EN)
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com