Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 70 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 70 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 66Page - Microchip Technology LAN9250 Datasheet HTML 67Page - Microchip Technology LAN9250 Datasheet HTML 68Page - Microchip Technology LAN9250 Datasheet HTML 69Page - Microchip Technology LAN9250 Datasheet HTML 70Page - Microchip Technology LAN9250 Datasheet HTML 71Page - Microchip Technology LAN9250 Datasheet HTML 72Page - Microchip Technology LAN9250 Datasheet HTML 73Page - Microchip Technology LAN9250 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 421 page
background image
LAN9250
DS00001913A-page 70
 2015 Microchip Technology Inc.
20
RX DMA Interrupt (RXD_INT)
This interrupt is issued when the amount of data programmed in the RX
DMA Count (RX_DMA_CNT) field of the Receive Configuration Register
(RX_CFG) has been transferred out of the RX Data FIFO.
R/WC
0b
19
GP Timer (GPT_INT)
This interrupt is issued when the General Purpose Timer Count Register
(GPT_CNT) wraps past zero to FFFFh.
R/WC
0b
18
RESERVED
RO
-
17
Power Management Interrupt Event (PME_INT)
This interrupt is issued when a Power Management Event is detected as
configured in the Power Management Control Register (PMT_CTRL). This
interrupt functions independent of the PME signal and will still function if the
PME signal is disabled. Writing a '1' clears this bit regardless of the state of
the PME hardware signal. In order to clear this bit, all unmasked bits in the
Power Management Control Register (PMT_CTRL) must first be cleared.
Note:
The Interrupt De-assertion interval does not apply to the PME
interrupt.
R/WC
0b
16
TX Status FIFO Overflow (TXSO)
This interrupt is generated when the TX Status FIFO overflows.
R/WC
0b
15
Receive Watchdog Time-out (RWT)
This interrupt is generated when a frame greater than or equal to 2048 bytes
has been received by the Host MAC. Frames greater than or equal to 2049
bytes are truncated to 2048 bytes.
R/WC
0b
14
Receiver Error (RXE)
Indicates that the Host MAC receiver has encountered an error. Please refer
to Section 11.12.5, "Receiver Errors," on page 174 for a description of the
conditions that will cause an RXE.
R/WC
0b
13
Transmitter Error (TXE)
When generated, indicates that the Host MAC transmitter has encountered
an error. Please refer to Section 11.11.7, "Transmitter Errors," on page 170
for a description of the conditions that will cause a TXE.
R/WC
0b
12
GPIO Interrupt Event (GPIO)
This bit indicates an interrupt event from the General Purpose I/O. The
source of the interrupt can be determined by polling the General Purpose I/
O Interrupt Status and Enable Register (GPIO_INT_STS_EN)
RO
0b
11
RESERVED
RO
-
10
TX Data FIFO Overrun Interrupt (TDFO)
This interrupt is generated when the TX Data FIFO is full and another write
is attempted.
R/WC
0b
9
TX Data FIFO Available Interrupt (TDFA)
This interrupt is generated when the TX Data FIFO available space is
greater than the programmed level in the TX Data Available Level field of
the FIFO Level Interrupt Register (FIFO_INT).
R/WC
0b
8
TX Status FIFO Full Interrupt (TSFF)
This interrupt is generated when the TX Status FIFO is full.
R/WC
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com