Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 45 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 45 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 41Page - Microchip Technology LAN9250 Datasheet HTML 42Page - Microchip Technology LAN9250 Datasheet HTML 43Page - Microchip Technology LAN9250 Datasheet HTML 44Page - Microchip Technology LAN9250 Datasheet HTML 45Page - Microchip Technology LAN9250 Datasheet HTML 46Page - Microchip Technology LAN9250 Datasheet HTML 47Page - Microchip Technology LAN9250 Datasheet HTML 48Page - Microchip Technology LAN9250 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 45
LAN9250
6.3.2
WAKE-UP (PME) NOTIFICATION
A simplified diagram of the logic that controls the PME output pin and PME interrupt can be seen in Figure 6-1.
The PME module handles the latching of the Host MAC Wake On Status (WOL_STS) bit and the PHY Energy-Detect
Status (ED_STS)
bit in the Power Management Control Register (PMT_CTRL).
This module also masks the status bits with the corresponding enable bits (Wake-On-Enable (WOL_EN) and Energy-
Detect Enable (ED_EN)
) and combines the results together to generate the Power Management Interrupt Event
(PME_INT) status bit in the Interrupt Status Register (INT_STS). The PME_INT status bit is then masked with the Power
Management Event Interrupt Enable (PME_INT_EN) bit and combined with the other interrupt sources to drive the IRQ
output pin.
In addition to generating interrupt events, the PME event can also drive the PME output pin to indicate wake-up events
exclusively. The PME event is enabled with the PME Enable (PME_EN) in the Power Management Control Register
(PMT_CTRL), The PME output pin characteristics can be configured via the PME Buffer Type (PME_TYPE), PME Indi-
cation (PME_IND) and PME Polarity (PME_POL) bits of the Power Management Control Register (PMT_CTRL). These
bits allow the PME output pin to be open-drain, active high push-pull or active-low push-pull and configure the output to
be continuous, or pulse for 50 ms.
In system configurations where the PME output pin is shared among multiple devices (wired ORed), the WOL_STS and
ED_STS bits within the PMT_CTRL register can be read to determine which device is driving the PME signal.
When the PM_WAKE bit of the Power Management Control Register (PMT_CTRL) is set, the PME event will automat-
ically wake up the system in certain chip level power modes, as described in Section 6.3.4.2, "Exiting Low Power
Modes," on page 48. This is done independent from the values of the PME_EN, PME_POL, PME_IND and PME_TYPE
register bits.
Note:
Note:
The PME interrupt status bit (PME_INT) in the INT_STS register is set regardless of the setting of
PME_INT_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com