Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 69 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 69 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 65Page - Microchip Technology LAN9250 Datasheet HTML 66Page - Microchip Technology LAN9250 Datasheet HTML 67Page - Microchip Technology LAN9250 Datasheet HTML 68Page - Microchip Technology LAN9250 Datasheet HTML 69Page - Microchip Technology LAN9250 Datasheet HTML 70Page - Microchip Technology LAN9250 Datasheet HTML 71Page - Microchip Technology LAN9250 Datasheet HTML 72Page - Microchip Technology LAN9250 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 69
LAN9250
8.3.2
INTERRUPT STATUS REGISTER (INT_STS)
This register contains the current status of the generated interrupts. A value of 1 indicates the corresponding interrupt
conditions have been met, while a value of 0 indicates the interrupt conditions have not been met. The bits of this register
reflect the status of the interrupt source regardless of whether the source has been enabled as an interrupt in the Inter-
rupt Enable Register (INT_EN). Where indicated as R/WC, writing a 1 to the corresponding bits acknowledges and
clears the interrupt.
Offset:
058h
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt (SW_INT)
This interrupt is generated when the Software Interrupt Enable
(SW_INT_EN) bit of the Interrupt Enable Register (INT_EN) is set high.
Writing a one clears this interrupt.
R/WC
0b
30
Device Ready (READY)
This interrupt indicates that the device is ready to be accessed after a
power-up or reset condition.
R/WC
0b
29
1588 Interrupt Event (1588_EVNT)
This bit indicates an interrupt event from the IEEE 1588 module. This bit
should be used in conjunction with the 1588 Interrupt Status Register
(1588_INT_STS) to determine the source of the interrupt event within the
1588 module.
RO
0b
28
RESERVED
RO
-
27
RESERVED
RO
-
26
PHY Interrupt Event (PHY_INT)
This bit indicates an interrupt event from PHY. The source of the interrupt
can be determined by polling the PHY Interrupt Source Flags Register
(PHY_INTERRUPT_SOURCE).
RO
0b
25
TX Stopped (TXSTOP_INT)
This interrupt is issued when the Stop Transmitter (STOP_TX) bit in Trans-
mit Configuration Register (TX_CFG) is set and the Host MAC transmitter is
halted.
R/WC
0b
24
RX Stopped (RXSTOP_INT)
T
his interrupt is issued when the Receiver Enable (RXEN) bit in Host MAC
Control Register (HMAC_CR) is cleared and the Host MAC receiver is
halted.
R/WC
0b
23
RX Dropped Frame Counter Halfway (RXDFH_INT)
This interrupt is issued when the Host MAC RX Dropped Frames Counter
Register (RX_DROP) counts past its halfway point (7FFFFFFFh to
80000000h).
R/WC
0b
22
RESERVED
RO
-
21
TX IOC Interrupt (TX_IOC)
This interrupt is generated when a buffer with the IOC flag set has been fully
loaded into the TX Data FIFO.
R/WC
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com