Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 57 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 57 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 53Page - Microchip Technology LAN9250 Datasheet HTML 54Page - Microchip Technology LAN9250 Datasheet HTML 55Page - Microchip Technology LAN9250 Datasheet HTML 56Page - Microchip Technology LAN9250 Datasheet HTML 57Page - Microchip Technology LAN9250 Datasheet HTML 58Page - Microchip Technology LAN9250 Datasheet HTML 59Page - Microchip Technology LAN9250 Datasheet HTML 60Page - Microchip Technology LAN9250 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 57
LAN9250
speed_strap_1
PHY Speed Select Strap:
This strap affects the default value
of the following register bits:
• Speed Select LSB (PHY_SPEED_SEL_LSB) bit of the
PHY Basic Control Register (PHY_BASIC_CONTROL)
• 10BASE-T Full Duplex and 10BASE-T Half Duplex bits of
the PHY Auto-Negotiation Advertisement Register
(PHY_AN_ADV)
• PHY Mode (MODE[2:0]) bits of the PHY Special Modes
Register (PHY_SPECIAL_MODES)
Note:
This has no effect when the PHY is in 100BASE-FX
mode.
Refer to the respective register definition sections for addi-
tional information.
1b
duplex_strap_1
PHY Duplex Select Strap:
This strap affects the default value
of the following register bits:
• Duplex Mode (PHY_DUPLEX) bit of the PHY Basic Con-
trol Register (PHY_BASIC_CONTROL)
• 10BASE-T Full Duplex bit of the PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV)
• PHY Mode (MODE[2:0]) bits of the PHY Special Modes
Register (PHY_SPECIAL_MODES)
Refer to the respective register definition sections for addi-
tional information.
1b
FD_FC_strap_1
PHY Full-Duplex Flow Control Enable Strap:
This strap
affects the default value of the following register bits:
• Asymmetric Pause bit of the PHY Auto-Negotiation
Advertisement Register (PHY_AN_ADV)
Note:
This has no effect when the PHY is in 100BASE-FX
mode.
Refer to the respective register definition sections for addi-
tional information.
1b
manual_FC_strap_1
PHY Manual Flow Control Enable Strap:
This strap affects
the default value of the following register bits:
• Asymmetric Pause and Symmetric Pause bit of the PHY
Auto-Negotiation Advertisement Register
(PHY_AN_ADV)
Note:
This has no effect when the PHY is in 100BASE-FX
mode.
Refer to the respective register definition sections for addi-
tional information.
0b
TABLE 7-1:
SOFT-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pin / Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com