Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 61Page - Microchip Technology LAN9250 Datasheet HTML 62Page - Microchip Technology LAN9250 Datasheet HTML 63Page - Microchip Technology LAN9250 Datasheet HTML 64Page - Microchip Technology LAN9250 Datasheet HTML 65Page - Microchip Technology LAN9250 Datasheet HTML 66Page - Microchip Technology LAN9250 Datasheet HTML 67Page - Microchip Technology LAN9250 Datasheet HTML 68Page - Microchip Technology LAN9250 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 65
LAN9250
The Power Management Control Register (PMT_CTRL) provides enabling/disabling and status of all Power Manage-
ment conditions. These include energy-detect on the PHY and Wake-On-LAN (Perfect DA, Broadcast, Wake-up frame
or Magic Packet) detection by the Host MAC.
In order for a Power Management interrupt event to trigger the external IRQ interrupt pin, the desired Power Manage-
ment interrupt event must be enabled in the Power Management Control Register (PMT_CTRL), the Power Manage-
ment Event Interrupt Enable (PME_INT_EN) bit of the Interrupt Enable Register (INT_EN) must be set and the IRQ
output must be enabled via the IRQ Enable (IRQ_EN) bit 8 of the Interrupt Configuration Register (IRQ_CFG).
The power management interrupts are only a portion of the power management features of the device. For additional
details on power management, refer to Section 6.3, "Power Management," on page 44.
8.2.6
GENERAL PURPOSE TIMER INTERRUPT
A GP Timer (GPT_INT) interrupt is provided in the top-level Interrupt Status Register (INT_STS) and Interrupt Enable
Register (INT_EN). This interrupt is issued when the General Purpose Timer Count Register (GPT_CNT) wraps past
zero to FFFFh and is cleared when the GP Timer (GPT_INT) bit of the Interrupt Status Register (INT_STS) is written
with 1.
In order for a General Purpose Timer interrupt event to trigger the external IRQ interrupt pin, the GPT must be enabled
via the General Purpose Timer Enable (TIMER_EN) bit in the General Purpose Timer Configuration Register
(GPT_CFG), the GP Timer Interrupt Enable (GPT_INT_EN) bit of the Interrupt Enable Register (INT_EN) must be set
and the IRQ output must be enabled via the IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register
(IRQ_CFG).
For additional details on the General Purpose Timer, refer to Section 15.1, "General Purpose Timer," on page 380.
8.2.7
SOFTWARE INTERRUPT
A general purpose software interrupt is provided in the top level Interrupt Status Register (INT_STS) and Interrupt
Enable Register (INT_EN). The Software Interrupt (SW_INT) bit of the Interrupt Status Register (INT_STS) is generated
when the Software Interrupt Enable (SW_INT_EN) bit of the Interrupt Enable Register (INT_EN) changes from cleared
to set (i.e. on the rising edge of the enable). This interrupt provides an easy way for software to generate an interrupt
and is designed for general software usage.
In order for a Software interrupt event to trigger the external IRQ interrupt pin, the IRQ output must be enabled via the
IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register (IRQ_CFG).
8.2.8
DEVICE READY INTERRUPT
A device ready interrupt is provided in the top-level Interrupt Status Register (INT_STS) and Interrupt Enable Register
(INT_EN). The Device Ready (READY) bit of the Interrupt Status Register (INT_STS) indicates that the device is ready
to be accessed after a power-up or reset condition. Writing a 1 to this bit in the Interrupt Status Register (INT_STS) will
clear it.
In order for a device ready interrupt event to trigger the external IRQ interrupt pin, the Device Ready Enable
(READY_EN) bit of the Interrupt Enable Register (INT_EN) must be set and the IRQ output must be enabled via the
IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register (IRQ_CFG).
8.2.9
CLOCK OUTPUT TEST MODE
In order to facilitate system level debug, the crystal clock can be enabled onto the IRQ pin by setting the IRQ Clock
Select (IRQ_CLK_SELECT) bit of the Interrupt Configuration Register (IRQ_CFG).
The IRQ pin should be set to a push-pull driver by using the IRQ Buffer Type (IRQ_TYPE) bit for the best result.
8.3
Interrupt Registers
This section details the directly addressable interrupt related System CSRs. These registers control, configure and mon-
itor the IRQ interrupt output pin and the various device interrupt sources. For an overview of the entire directly address-
able register map, refer to Section 5.0, "Register Map," on page 29.
TABLE 8-1:
INTERRUPT REGISTERS
ADDRESS
REGISTER NAME (SYMBOL)
054h
Interrupt Configuration Register (IRQ_CFG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com