Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 14Page - Microchip Technology LAN9250 Datasheet HTML 15Page - Microchip Technology LAN9250 Datasheet HTML 16Page - Microchip Technology LAN9250 Datasheet HTML 17Page - Microchip Technology LAN9250 Datasheet HTML 18Page - Microchip Technology LAN9250 Datasheet HTML 19Page - Microchip Technology LAN9250 Datasheet HTML 20Page - Microchip Technology LAN9250 Datasheet HTML 21Page - Microchip Technology LAN9250 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 421 page
background image
LAN9250
DS00001913A-page 18
 2015 Microchip Technology Inc.
1
FX
Signal Detect
(SD)
FXSDA
ILVPECL
Fiber Signal Detect. When FX-LOS mode is not
selected, this pin functions as the Signal Detect
input from the external transceiver. A level above
2 V (typ.) indicates valid signal.
When FX-LOS mode is selected, the input buffer is
disabled.
FX
Loss Of Signal
(LOS)
FXLOSA
IS
(PU)
Fiber Loss of Signal. When FX-LOS mode is
selected (via fx_los_strap_1), this pin functions as
the Loss of Signal input from the external trans-
ceiver. A high indicates LOS while a low indicates
valid signal.
When FX-LOS mode is not selected, the input buffer
and pull-up are disabled.
FX-SD Enable
Strap
FXSDENA
AI
FX-SD Enable. When FX-LOS mode is not
selected, this strap input selects between FX-SD
and copper twisted pair mode. A level above 1 V
(typ.) selects FX-SD.
When FX-LOS mode is selected, the input buffer is
disabled.
See Note 2.
1
Bias Reference
RBIAS
AI
Used for internal bias circuits. Connect to an exter-
nal 12.1 kΩ, 1% resistor to ground.
Refer to the device reference schematic for connec-
tion information.
Note:
The nominal voltage is 1.2 V and the
resistor will dissipate approximately
1 mW of power.
1
FX-LOS Enable
Strap
FXLOSEN
AI
FX-LOS Enable. This strap input selects between
FX-LOS and FX-SD / copper twisted pair mode.
A level below 1 V (typ.) selects FX-SD / copper
twisted pair for the port, further determined by FXS-
DENA.
A level of 1.5 V (typ.) or above selects FX-LOS for
the port.
See Note 2.
1
+3.3 V Analog
Power Supply
VDD33TXRX1
P
See Note 3.
1
+3.3 V Analog
Power Supply
VDD33TXRX2
P
See Note 3.
1
+3.3 V Master
Bias Power
Supply
VDD33BIAS
P
See Note 3.
TABLE 3-3:
LAN PIN DESCRIPTIONS (CONTINUED)
Num
Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com