Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 55 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 55 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 51Page - Microchip Technology LAN9250 Datasheet HTML 52Page - Microchip Technology LAN9250 Datasheet HTML 53Page - Microchip Technology LAN9250 Datasheet HTML 54Page - Microchip Technology LAN9250 Datasheet HTML 55Page - Microchip Technology LAN9250 Datasheet HTML 56Page - Microchip Technology LAN9250 Datasheet HTML 57Page - Microchip Technology LAN9250 Datasheet HTML 58Page - Microchip Technology LAN9250 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 55
LAN9250
HBI_ale_qualification_strap
HBI ALE Qualification Strap:
Configures the HBI interface to
qualify the ALEHI and ALELO signals with the CS signal.
0 = address input is latched with ALEHI and ALELO
1 = address input is latched with ALEHI and ALELO only
when CS is active
1b
HBI_rw_mode_strap
HBI Read / Write Mode Strap:
Configures the HBI interface
for separate read & write signals or direction and enable sig-
nals.
0 = read & write
1 = direction & enable
0b
HBI_cs_polarity_strap
HBI Chip Select Polarity Strap:
Configures the polarity of the
HBI interface chip select signal.
0 = active low
1 = active high
0b
HBI_rd_rdwr_polarity_strap
HBI Read, Read / Write Polarity Strap:
Configures the polar-
ity of the HBI interface read signal.
0 = active low read
1 = active high read
Configures the polarity of the HBI interface read / write signal.
0 = read when 1, write when 0 (R/nW)
1 = write when 1, read when 0 (W/nR)
0b
HBI_wr_en_polarity_strap
HBI Write, Enable Polarity Strap:
Configures the polarity of
the HBI interface write signal.
0 = active low write
1 = active high write
Configures the polarity of the HBI interface enable signal.
0 = active low enable
1 = active high enable
0b
HBI_ale_polarity_strap
HBI ALE Polarity Strap:
Configures the polarity of the HBI
interface ALEHI and ALELO signals.
0 = active low strobe (address saved on rising edge)
1 = active high strobe (address saved on falling edge)
1b
1588_enable_strap
1588 Enable Strap:
Configures the default value of the 1588
Enable (1588_ENABLE) bit in the 1588 Command and Con-
trol Register (1588_CMD_CTL).
0b
TABLE 7-1:
SOFT-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pin / Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com