Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 31Page - Microchip Technology LAN9250 Datasheet HTML 32Page - Microchip Technology LAN9250 Datasheet HTML 33Page - Microchip Technology LAN9250 Datasheet HTML 34Page - Microchip Technology LAN9250 Datasheet HTML 35Page - Microchip Technology LAN9250 Datasheet HTML 36Page - Microchip Technology LAN9250 Datasheet HTML 37Page - Microchip Technology LAN9250 Datasheet HTML 38Page - Microchip Technology LAN9250 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 35
LAN9250
5.2.2
BACK-TO-BACK READ CYCLES
There are also restrictions on specific back-to-back host read operations. These restrictions concern reading specific
registers after reading a resource that has side effects. In many cases there is a delay between reading the device, and
the subsequent indication of the expected change in the control and status register values.
In order to prevent the host from reading stale data on back-to-back reads, minimum wait periods have been estab-
lished. These periods are specified in Table 5-3. The host processor is required to wait the specified period of time
between read operations of specific combinations of resources. The wait period is dependent upon the combination of
registers being read.
Performing “dummy” reads of the Byte Order Test Register (BYTE_TEST) register is a convenient way to guarantee that
the minimum wait time restriction is met. Table 5-3 below also shows the number of dummy reads that are required for
back-to-back read operations. The number of BYTE_TEST reads in this table is based on the minimum timing for Tcyc
Receive Configuration Regis-
ter (RX_CFG)
80
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
60
2
Interrupt Status Register
(INT_STS)
50
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
Power Management Control
Register (PMT_CTRL)
165
4
Power Management Control
Register (PMT_CTRL)
170
4
Interrupt Configuration Regis-
ter (IRQ_CFG)
160
4
Interrupt Status Register
(INT_STS)
General Purpose Timer Con-
figuration Register
(GPT_CFG)
55
2
General Purpose Timer Con-
figuration Register
(GPT_CFG)
170
4
General Purpose Timer Count
Register (GPT_CNT)
1588 Command and Control
Register (1588_CMD_CTL)
70
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
50
2
Interrupt Status Register
(INT_STS)
50
2
1588 Interrupt Status Register
(1588_INT_STS)
1588 Interrupt Status Register
(1588_INT_STS)
60
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
1588 Interrupt Enable Regis-
ter (1588_INT_EN)
60
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
General Purpose I/O Interrupt
Status and Enable Register
(GPIO_INT_STS_EN)
60
2
Interrupt Configuration Regis-
ter (IRQ_CFG)
TABLE 5-2:
READ AFTER WRITE TIMING RULES (CONTINUED)
After Writing...
wait for this many
nanoseconds...
or Perform this many
Reads of BYTE_TEST…
(assuming Tcyc of 45ns)
before reading...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com