Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 55Page - Microchip Technology LAN9250 Datasheet HTML 56Page - Microchip Technology LAN9250 Datasheet HTML 57Page - Microchip Technology LAN9250 Datasheet HTML 58Page - Microchip Technology LAN9250 Datasheet HTML 59Page - Microchip Technology LAN9250 Datasheet HTML 60Page - Microchip Technology LAN9250 Datasheet HTML 61Page - Microchip Technology LAN9250 Datasheet HTML 62Page - Microchip Technology LAN9250 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 59
LAN9250
host_intf_mode_strap
Host Interface Mode Strap:
Configures the host manage-
ment mode.
0 = SPI Mode
1 = HBI Mode
The operating mode results from the following mapping:
See Table 7-3 for the combined host interface strapping.
Note:
Refer to Section 2.0, "General Description," on
page 8 for additional information on the various
modes of the device.
MNGT1 :
MNGT0
HBI_addr_mode_strap
HBI Address Mode Strap:
Configures the HBI interface for
multiplexed or non-multiplexed indexed addressing modes.
0 = multiplexed
1 = non-multiplexed indexed
See Table 7-3 for the combined host interface strapping.
Note:
Refer to Section 2.0, "General Description," on
page 8 for additional information on the various
modes of the device.
MNGT1
HBI_addr_phase_strap
HBI Address Phase Strap:
Configures the number of
address cycles for the HBI interface when in multiplexed
address mode.
0 = single phase multiplexed
1 = dual phase multiplexed
See Table 7-3 for the combined host interface strapping.
Note:
Refer to Section 2.0, "General Description," on
page 8 for additional information on the various
modes of the device.
MNGT3
TABLE 7-2:
HARD-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pins
MNGT1 : MNGT0
mngt_mode_strap
00
0 (SPI)
01, 10 or 11
1 (HBI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com