Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 32 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 32 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 28Page - Microchip Technology LAN9250 Datasheet HTML 29Page - Microchip Technology LAN9250 Datasheet HTML 30Page - Microchip Technology LAN9250 Datasheet HTML 31Page - Microchip Technology LAN9250 Datasheet HTML 32Page - Microchip Technology LAN9250 Datasheet HTML 33Page - Microchip Technology LAN9250 Datasheet HTML 34Page - Microchip Technology LAN9250 Datasheet HTML 35Page - Microchip Technology LAN9250 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 421 page
background image
LAN9250
DS00001913A-page 32
 2015 Microchip Technology Inc.
1588 Registers
100h
1588 Command and Control Register (1588_CMD_CTL)
104h
1588 General Configuration Register (1588_GENERAL_CONFIG)
108h
1588 Interrupt Status Register (1588_INT_STS)
10Ch
1588 Interrupt Enable Register (1588_INT_EN)
110h
1588 Clock Seconds Register (1588_CLOCK_SEC)
114h
1588 Clock NanoSeconds Register (1588_CLOCK_NS)
118h
1588 Clock Sub-NanoSeconds Register (1588_CLOCK_SUBNS)
11Ch
1588 Clock Rate Adjustment Register (1588_CLOCK_RATE_ADJ)
120h
1588 Clock Temporary Rate Adjustment Register (1588_CLOCK_TEMP_RATE_ADJ)
124h
1588 Clock Temporary Rate Duration Register (1588_CLOCK_TEMP_RATE_DURATION)
128h
1588 Clock Step Adjustment Register (1588_CLOCK_STEP_ADJ)
12Ch
1588 Clock Target x Seconds Register (1588_CLOCK_TARGET_SEC_x) x=A
130h
1588 Clock Target x NanoSeconds Register (1588_CLOCK_TARGET_NS_x) x=A
134h
1588 Clock Target x Reload / Add Seconds Register (1588_CLOCK_TARGET_RELOAD_SEC_x)
x=A
138h
1588 Clock Target x Reload / Add NanoSeconds Register (1588_CLOCK_TARGET_RE-
LOAD_NS_x) x=A
13Ch
1588 Clock Target x Seconds Register (1588_CLOCK_TARGET_SEC_x) x=B
140h
1588 Clock Target x NanoSeconds Register (1588_CLOCK_TARGET_NS_x) x=B
144h
1588 Clock Target x Reload / Add Seconds Register (1588_CLOCK_TARGET_RELOAD_SEC_x)
x=B
148h
1588 Clock Target x Reload / Add NanoSeconds Register (1588_CLOCK_TARGET_RE-
LOAD_NS_x) x=B
14Ch
1588 User MAC Address High-WORD Register (1588_USER_MAC_HI)
150h
1588 User MAC Address Low-DWORD Register (1588_USER_MAC_LO)
154h
1588 Bank Port GPIO Select Register (1588_BANK_PORT_GPIO_SEL)
158h
1588 Port Latency Register (1588_LATENCY)
158h
1588 Port RX Parsing Configuration Register (1588_RX_PARSE_CONFIG)
158h
1588 Port TX Parsing Configuration Register (1588_TX_PARSE_CONFIG)
15Ch
1588 Port Asymmetry and Peer Delay Register (1588_ASYM_PEERDLY)
15Ch
1588 Port RX Timestamp Configuration Register (1588_RX_TIMESTAMP_CONFIG)
15Ch
1588 Port TX Timestamp Configuration Register (1588_TX_TIMESTAMP_CONFIG)
15Ch
1588 GPIO Capture Configuration Register (1588_GPIO_CAP_CONFIG)
160h
1588 Port Capture Information Register (1588_CAP_INFO)
160h
1588 Port RX Timestamp Insertion Configuration Register (1588_RX_TS_INSERT_CONFIG)
164h
1588 Port TX Modification Register (1588_TX_MOD)
168h
1588 Port RX Filter Configuration Register (1588_RX_FILTER_CONFIG)
168h
1588 Port TX Modification Register 2 (1588_TX_MOD2)
16Ch
1588 Port RX Ingress Time Seconds Register (1588_RX_INGRESS_SEC)
16Ch
1588 Port TX Egress Time Seconds Register (1588_TX_EGRESS_SEC)
16Ch
1588 GPIO x Rising Edge Clock Seconds Capture Register (1588_GPIO_RE_CLOCK_SEC_CAP_x)
170h
1588 Port RX Ingress Time NanoSeconds Register (1588_RX_INGRESS_NS)
170h
1588 Port TX Egress Time NanoSeconds Register (1588_TX_EGRESS_NS)
TABLE 5-1:
SYSTEM CONTROL AND STATUS REGISTERS (CONTINUED)
Address
Register Name (Symbol)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com