Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 58 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 58 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 54Page - Microchip Technology LAN9250 Datasheet HTML 55Page - Microchip Technology LAN9250 Datasheet HTML 56Page - Microchip Technology LAN9250 Datasheet HTML 57Page - Microchip Technology LAN9250 Datasheet HTML 58Page - Microchip Technology LAN9250 Datasheet HTML 59Page - Microchip Technology LAN9250 Datasheet HTML 60Page - Microchip Technology LAN9250 Datasheet HTML 61Page - Microchip Technology LAN9250 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 421 page
background image
LAN9250
DS00001913A-page 58
 2015 Microchip Technology Inc.
7.2
Hard-Straps
Hard-straps are latched upon Power-On Reset (POR) or pin reset (RST#) only. Unlike soft-straps, hard-straps always
have an associated pin and cannot be overridden by the EEPROM Loader. These straps are used as either direct con-
figuration values or as register defaults. Table 7-2 provides a list of all hard-straps and their associated pin. These
straps, along with their pin assignments are also fully defined in Section 3.0, "Pin Descriptions and Configuration," on
page 10.
EEE_enable_strap_1
Host MAC Energy Efficient Ethernet Enable Strap:
Config-
ures the default value of the Host MAC Energy Efficient Ether-
net (HMAC_EEE_ENABLE) bit in the Section 11.15.1, "Host
MAC Control Register (HMAC_CR)," on page 193.
Refer to the respective register definition sections for addi-
tional information.
1b
EEE_enable_strap_1
(cont.)
PHY Energy Efficient Ethernet Enable Strap:
This strap
affects the default value of the following register bits:
• PHY Energy Efficient Ethernet Enable (PHYEEEEN) bit
of the PHYEDPD NLP / Crossover Time / EEE Configura-
tion Register (PHY_EDPD_CFG)
• 100BASE-TX EEE bit of the PHY EEE Capability Regis-
ter (PHY_EEE_CAP)
• 100BASE-TX EEE bit of the PHY EEE Advertisement
Register (PHY_EEE_ADV)
Note:
This has no effect when the PHY is in 100BASE-FX
mode.
Refer to the respective register definition sections for addi-
tional information.
1b
TABLE 7-2:
HARD-STRAP CONFIGURATION STRAP DEFINITIONS
Strap Name
Description
Pins
eeprom_size_strap
EEPROM Size Strap:
Configures the EEPROM size range.
A low selects 1K bits (128 x 8) through 16K bits (2K x 8).
A high selects 32K bits (4K x 8) through 512K bits (64K x 8).
E2PSIZE
TABLE 7-1:
SOFT-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pin / Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com