Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 10Page - Microchip Technology LAN9250 Datasheet HTML 11Page - Microchip Technology LAN9250 Datasheet HTML 12Page - Microchip Technology LAN9250 Datasheet HTML 13Page - Microchip Technology LAN9250 Datasheet HTML 14Page - Microchip Technology LAN9250 Datasheet HTML 15Page - Microchip Technology LAN9250 Datasheet HTML 16Page - Microchip Technology LAN9250 Datasheet HTML 17Page - Microchip Technology LAN9250 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 421 page
background image
LAN9250
DS00001913A-page 14
 2015 Microchip Technology Inc.
Table 3-2 details the 64-TQFP-EP package pin assignments in table format. As shown, select pin functions may change
based on the device’s mode of operation. For modes where a specific pin has no function, the table cell will be marked
with “-”.
Note:
When a “#” is used at the end of the signal name, it indicates that the signal is active low. For example,
RST# indicates that the reset signal is active low.
The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables in Sec-
tion 3.3, "Pin Descriptions". A description of the buffer types is provided in Section 1.2, "Buffer Types".
TABLE 3-2:
64-TQFP-EP PACKAGE PIN ASSIGNMENTS
Pin
Number
HBI Indexed Mode
Pin Name
HBI Multiplexed Mode
Pin Name
SPI Mode
Pin Name
1
OSCI
2
OSCO
3
OSCVDD12
4
OSCVSS
5
VDD33
6
VDDCR
7
REG_EN
8
FXLOSEN
9
FXSDA/FXLOSA/FXSDENA
10
RESERVED
11
RST#
12
D2
AD2
SIO2
13
D1
AD1
SO/SIO1
14
VDDIO
15
D14
AD14
-
16
D13
AD13
-
17
D0
AD0
SI/SIO0
18
PME
19
D9
AD9
SCK
20
VDDIO
21
D12
AD12
-
22
D11
AD11
-
23
D10
AD10
-
24
VDDCR
25
A1
ALELO
-
26
A3
MNGT2
-
27
A4
MNGT3
-
28
CS
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com