Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 36 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 36 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 32Page - Microchip Technology LAN9250 Datasheet HTML 33Page - Microchip Technology LAN9250 Datasheet HTML 34Page - Microchip Technology LAN9250 Datasheet HTML 35Page - Microchip Technology LAN9250 Datasheet HTML 36Page - Microchip Technology LAN9250 Datasheet HTML 37Page - Microchip Technology LAN9250 Datasheet HTML 38Page - Microchip Technology LAN9250 Datasheet HTML 39Page - Microchip Technology LAN9250 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 421 page
background image
LAN9250
DS00001913A-page 36
 2015 Microchip Technology Inc.
(45ns). For microprocessors with slower busses the number of reads may be reduced as long as the total time is equal
to, or greater than the time specified in the table. Dummy reads of the BYTE_TEST register are not required as long as
the minimum time period is met.
Note that depending on the host interface mode in use, the basic host interface cycle may naturally provide sufficient
time between reads. It is required of the system design and register access mechanisms to ensure the proper timing.
For example, multiple reads to the same register may occur faster than reads to different registers.
For 8 and 16-bit read cycles, the wait time for the back-to-back read operation is required only after the reading of the
last BYTE or WORD of the register, which completes a single DWORD transfer. There is no wait requirement between
the BYTE or WORD accesses within the DWORD transfer.
TABLE 5-3:
READ AFTER READ TIMING RULES
After reading...
wait for this many
nanoseconds...
or Perform this many
Reads of BYTE_TEST…
(assuming Tcyc of 45ns)
before reading...
Host MAC RX Data FIFO
135
3
RX FIFO Information Regis-
ter (RX_FIFO_INF)
Host MAC RX Status FIFO
135
3
RX FIFO Information Regis-
ter (RX_FIFO_INF)
Host MAC TX Status FIFO
135
3
TX FIFO Information Register
(TX_FIFO_INF)
Host MAC RX Dropped
Frames Counter Register
(RX_DROP)
180
4
Host MAC RX Dropped
Frames Counter Register
(RX_DROP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com