Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 53 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 53 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 49Page - Microchip Technology LAN9250 Datasheet HTML 50Page - Microchip Technology LAN9250 Datasheet HTML 51Page - Microchip Technology LAN9250 Datasheet HTML 52Page - Microchip Technology LAN9250 Datasheet HTML 53Page - Microchip Technology LAN9250 Datasheet HTML 54Page - Microchip Technology LAN9250 Datasheet HTML 55Page - Microchip Technology LAN9250 Datasheet HTML 56Page - Microchip Technology LAN9250 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 53
LAN9250
6.4
Device Ready Operation
The device supports a Ready status register bit that indicates to the Host software when the device is fully ready for
operation. This bit may be read via the Power Management Control Register (PMT_CTRL) or the Hardware Configura-
tion Register (HW_CFG).
Following power-up reset, RST# reset, or digital reset (see Section 6.2, "Resets"), the Device Ready (READY) bit indi-
cates that the device has read, and is configured from, the contents of the EEPROM.
An EEPROM RELOAD command, via the EEPROM Command Register (E2P_CMD), will restart the EEPROM Loader,
temporarily causing the Device Ready (READY) to be low.
A Host MAC reset, via the Reset Control Register (RESET_CTL), will utilize the EEPROM Loader, temporarily causing
the Device Ready (READY) to be low.
Entry into any power savings state (see Section 6.3.4, "Chip Level Power Management") other than D0 will cause
Device Ready (READY) to be low. Upon wake-up, the Device Ready (READY) bit will go high once the device is
returned to power savings state D0 and the PLL has re-stabilized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com