Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 98 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 98 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 94Page - Microchip Technology LAN9250 Datasheet HTML 95Page - Microchip Technology LAN9250 Datasheet HTML 96Page - Microchip Technology LAN9250 Datasheet HTML 97Page - Microchip Technology LAN9250 Datasheet HTML 98Page - Microchip Technology LAN9250 Datasheet HTML 99Page - Microchip Technology LAN9250 Datasheet HTML 100Page - Microchip Technology LAN9250 Datasheet HTML 101Page - Microchip Technology LAN9250 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 421 page
background image
LAN9250
DS00001913A-page 98
 2015 Microchip Technology Inc.
WRITES DURING AND FOLLOWING POWER MANAGEMENT
During and following any power management mode other than D0, writes from the Host Bus are ignored until after a
read cycle is performed.
8 AND 16-BIT ACCESS
While in 8 or 16-bit data mode, the host is required to perform two or four, 16 or 8-bit writes to complete a single DWORD
transfer. No ordering requirements exist. The host can access either the low or high WORD or BYTE first, as long as
the other write(s) is(are) performed to the remaining WORD or BYTEs.
A write BYTE / WORD counter keeps track of the number of writes. Each Data Register has its own BYTE / WORD
counter. At the trailing edge of the write cycle, the appropriate counter (based on the captured host address from above)
is incremented. Once all writes occur, a 32-bit write is performed to the internal register selected by the captured address
from above. The data that is written is selected from one of the three DWORD assembly registers based on the captured
host address from above.
All of the write BYTE / WORD counters are reset if the power management mode is set to anything other than D0.
9.5.4.2
Read Cycles
A read cycle occurs when CS and RD are active (or when ENB is active with RD_WR indicating read). The host address
from the Host Bus selects the contents of one of the Index registers. The result of this operation is used to select the
internal register to be read and also is captured on the leading edge of the read cycle.
The host address inputs and the FIFO Direct Select signal from the Host Bus are also captured on the leading edge of
the read cycle. These are used to increment the appropriate read BYTE / WORD counter (for 8 or 16-bit data mode
described below).
At the beginning of the read cycle, the appropriate register is selected and its data is driven onto the data pins. Depend-
ing on the bus width, either a WORD or a BYTE is read. For 8 or 16-bit data modes, the returned BYTE or WORD is
determined by the endianness of the Data register (specified in the Host Bus Interface Configuration Register) and the
lower host address inputs.
POLLING FOR INITIALIZATION COMPLETE
Before device initialization, the HBI will not return valid data. To determine when the HBI is functional, first the Host Bus
Interface Index Register 0 should be polled, then the Byte Order Test Register (BYTE_TEST) should be polled. Once
the correct pattern is read, the interface can be considered functional. At this point, the Device Ready (READY) bit in
the Hardware Configuration Register (HW_CFG) can be polled to determine when the device is fully configured.
READS DURING AND FOLLOWING POWER MANAGEMENT
During any power management mode other than D0, reads from the Host Bus are ignored. If the power management
mode changes back to D0 during an active read cycle, the tail end of the read cycle is ignored. Internal registers are not
affected and the state of the HBI does not change.
Note:
Writing the same WORD or BYTEs into the same DWORD may cause undefined or undesirable operation.
The HBI hardware does not protect against this operation.
Accessing the same internal register using two Index / Data register pairs may cause undefined or unde-
sirable operation. The HBI hardware does not protect against this operation.
Mixing reads and writes into the same Data register may cause undefined or undesirable operation. The
HBI hardware does not protect against this operation.
Note:
There are separate read BYTE / WORD counters for each of the three Data Registers as well as for FIFO
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com