Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 102 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 102 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 98Page - Microchip Technology LAN9250 Datasheet HTML 99Page - Microchip Technology LAN9250 Datasheet HTML 100Page - Microchip Technology LAN9250 Datasheet HTML 101Page - Microchip Technology LAN9250 Datasheet HTML 102Page - Microchip Technology LAN9250 Datasheet HTML 103Page - Microchip Technology LAN9250 Datasheet HTML 104Page - Microchip Technology LAN9250 Datasheet HTML 105Page - Microchip Technology LAN9250 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 421 page
background image
LAN9250
DS00001913A-page 102
 2015 Microchip Technology Inc.
9.5.5
TX AND RX FIFO ACCESS
9.5.5.1
TX and RX Status FIFO Peek Address Access
Normal read access to the TX or RX Status FIFO causes the FIFO to advance to its next entry.
For access to the TX and RX Status FIFO Peek addresses, FIFO does not advance to its next entry.
9.5.5.2
Index Register Bypass FIFO Access
In addition to the indexed access, the Index Registers can be bypassed and the FIFOs accessed at address 18h-1Bh.
At this address, host write operations are to the TX Data FIFO and host read operations are from the RX Data FIFO .
There is no associated Index Register.
Index Register Bypass and FIFO Direct Select accesses share the same read and write BYTE / WORD counters and
the same write DWORD assembly registers.
The endianness of FIFO accesses using this method is specified by the FIFO Endianness bit in the Host Bus Interface
Configuration Register.
9.5.5.3
FIFO Direct Select Access
In addition to the indexed access, a FIFO Direct Select signal is provided. This allows the host system to access the TX
and RX Data FIFOs as if they were a large flat address space. When the FIFOSEL input is active, all host write opera-
tions are to the TX Data FIFO and all host read operations are from the RX Data FIFO. The lower host address signals
are decoded in order to select the proper BYTE or WORD and to delimit DWORDs during a burst access.
Burst access is supported when reading the RX Data FIFO. With the FIFOSEL input active, CS and RD (or ENB with
RD_WR indicating read) may be left active while the lower address lines toggle. Each change of the lower address bits
provides the next WORD or BYTE of data. The HBI performs an internal FIFO pop (read cycle) when it detects that a
DWORD boundary has been crossed (A[2] has toggled).
The endianness of FIFO Direct Select accesses is specified by the FIFO Endianness bit in the Host Bus Interface Con-
figuration Register.
9.5.6
INDEXED ADDRESS MODE FUNCTIONAL TIMING DIAGRAMS
The following timing diagrams illustrate example indexed (non-multiplexed) addressing mode read and write cycles for
various configurations and bus sizes. These diagrams do not cover every supported host bus permutation, but are
selected to detail the main configuration differences (bus size, Configuration/Index/Data/FIFO-Direct cycles) within the
indexed addressing mode of operation.
The following should be noted for the timing diagrams in this section:
• The diagrams in this section depict active-high CS, RD, and WR signals. The polarities of these signals are select-
able via the HBI_cs_polarity_strap, HBI_rd_rdwr_polarity_strap, and HBI_wr_en_polarity_strap, respectively.
Refer to Section 9.3, "Control Line Polarity," on page 74 for additional details.
• The diagrams in this section depict little endian byte ordering. However, configurable big and little endianess are
supported via the endianness bits in the Host Bus Interface Configuration Register. Endianess changes only the
order of the bytes involved, and not the overall timing requirements. Refer to Section 9.5.4.3, "Host Endianness,"
on page 99 for additional information.
• The diagrams in this section utilize RD and WR signals. Alternative RD_WR and ENB signaling is also supported,
similar to the multiplexed example in Section 9.4.4.3, "RD_WR / ENB Control Mode Examples". The HBI read/
write mode is selectable via the HBI_rw_mode_strap. The polarities of the RD_WR and ENB signals are select-
able via the HBI_rd_rdwr_polarity_strap, and HBI_wr_en_polarity_strap.
• When accessing internal registers or FIFOs in 16 and 8-bit modes, consecutive address cycles must be within the
same DWORD until the DWORD is completely accessed (some internal registers are excluded from this require-
ment). Although BYTEs and WORDs can be accessed in any order, the diagrams in this section depict accessing
the lower address BYTE or WORD first.
9.5.6.1
Configuration Register Data Access
The figures in this section detail configuration register read and write operations in indexed address mode for 16 and 8-
bit modes.
16-BIT READ AND WRITE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com