Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 104 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 104 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 100Page - Microchip Technology LAN9250 Datasheet HTML 101Page - Microchip Technology LAN9250 Datasheet HTML 102Page - Microchip Technology LAN9250 Datasheet HTML 103Page - Microchip Technology LAN9250 Datasheet HTML 104Page - Microchip Technology LAN9250 Datasheet HTML 105Page - Microchip Technology LAN9250 Datasheet HTML 106Page - Microchip Technology LAN9250 Datasheet HTML 107Page - Microchip Technology LAN9250 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 421 page
background image
LAN9250
DS00001913A-page 104
 2015 Microchip Technology Inc.
For reads, the address is set to access the lower BYTE of the Configuration Register and FIFOSEL is held low. Read
data is driven on D[7:0] during RD active. D[15:8] pins are not used or driven. The cycle repeats for the remaining BYTEs
of the Configuration Register, if desired by the host.
9.5.6.2
Index Register Data Access
The figures in this section detail index register read and write operations in indexed address mode for 16 and 8-bit
modes.
16-BIT READ AND WRITE
For writes, the address is set to access the lower WORD of one of the Index Registers and FIFOSEL is held low. Data
on D[15:0] is written on the trailing edge of WR. The cycle repeats for the upper WORD of the Index Register, if desired
by the host.
For reads, the address is set to access the lower WORD of one of the Index Registers and FIFOSEL is held low. Read
data is driven on D[15:0] during RD active. The cycle repeats for the upper WORD of the Index Register, if desired by
the host.
FIGURE 9-26:
INDEXED ADDRESSING CONFIGURATION REGISTER ACCESS - 8-BIT WRITE/
READ
Note:
The upper WORD of Index Registers is reserved and don’t care. Therefore reads and writes to that WORD
are not useful.
CS
RD
WR
CONFIG,2'b00
D[15:8]
A[4:0]
CONFIG,2'b01
Data 7:0
D[7:0]
Data 15:8
FIFOSEL
CONFIG,2'b00
CONFIG,2'b01
CONFIG,2'b10
CONFIG,2'b11
Data 23:16
Data 31:24
Hi-Z
Data 7:0
Data 15:8
Data 23:16
Data 31:24
CONFIG,2'b10
CONFIG,2'b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com