Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 47 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 47 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 43Page - Microchip Technology LAN9250 Datasheet HTML 44Page - Microchip Technology LAN9250 Datasheet HTML 45Page - Microchip Technology LAN9250 Datasheet HTML 46Page - Microchip Technology LAN9250 Datasheet HTML 47Page - Microchip Technology LAN9250 Datasheet HTML 48Page - Microchip Technology LAN9250 Datasheet HTML 49Page - Microchip Technology LAN9250 Datasheet HTML 50Page - Microchip Technology LAN9250 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 47
LAN9250
The Host MAC WoL detection can be left functioning by using the HMAC_SYS_ONLY_DIS bit instead, which keeps the
RX and TX clocks enabled. As a safety precaution, in order for this bit to be set, it must be written as a 1 two consecutive
times. A write of a 0 will reset the count.
6.3.3.2
Disabling The 1588 Unit
The entire 1588 Unit, including the CSRs, may be disabled by setting the 1588_DIS bit in the Power Management Con-
trol Register (PMT_CTRL). As a safety precaution, in order for this bit to be set, it must be written as a 1 two consecutive
times. A write of a 0 will reset the count.
The Timestamp Unit, including CSRs, may be disabled by setting the appropriate 1588_TSU_DIS bit in the Power Man-
agement Control Register (PMT_CTRL). As a safety precaution, in order for a bit to be set, it must be written as a 1 two
consecutive times. A write of a 0 will reset the count.
6.3.3.3
PHY Power Down
The PHY may be placed into power-down as described in Section 12.2.10, "PHY Power-Down Modes," on page 222.
6.3.3.4
LED Pins Power Down
All LED outputs may be disabled by setting the LED_DIS bit in the Power Management Control Register (PMT_CTRL).
Open-drain / open-source LEDs are un-driven. Push-pull LEDs are still driven but are set to their inactive state.
APPLICATION NOTE:
Individual LEDs can be disabled by setting them open-drain GPIO outputs with a data value
of 1.
6.3.4
CHIP LEVEL POWER MANAGEMENT
The device supports power-down modes to allow applications to minimize power consumption.
Power is reduced by disabling the clocks as outlined in Table 6-2, "Power Management States". All configuration data
is saved when in any power state. Register contents are not affected unless specifically indicated in the register descrip-
tion.
There is one normal operating power state, D0, and three power saving states: D1, D2 and D3. Although appropriate
for various wake-up detection functions, the power states do not directly enable and are not enforced by these functions.
D0
: Normal Mode - This is the normal mode of operation of this device. In this mode, all functionality is available.
This mode is entered automatically on any chip-level reset (POR, RST# pin reset).
D1
: System Clocks Disabled, XTAL, PLL and network clocks enabled - In this low power mode, all clocks derived
from the PLL clock are disabled. The network clocks remain enabled if supplied by the PHY. The crystal oscillator
and the PLL remain enabled. Exit from this mode may be done manually or automatically.
This mode is useful for MAC WoL mode, where the PHY is enabled and the MAC is configured for WoL detection.
This mode could be used for PHY General Power Down mode and PHY Energy Detect Power Down mode.
D2
: System Clocks Disabled, PLL disable requested, XTAL enabled - In this low power mode, all clocks derived
from the PLL clock are disabled. The PLL is allowed to be disabled (and will disable if the PHY is in either Energy
Detect or General Power Down). The network clocks remain enabled if supplied by the PHY. The crystal oscillator
remains enabled. Exit from this mode may be done manually or automatically.
This mode is useful for PHY Energy Detect Power Down mode. This mode could be used for PHY General Power
Down mode.
D3
: System Clocks Disabled, PLL disabled, XTAL disabled - In this low power mode, all clocks derived from the
PLL clock are disabled. The PLL will be disabled. The crystal oscillator is disabled. Exit from this mode may be
only be done manually.
This mode is useful for PHY General Power Down mode.
The Host must place the PHY into General Power Down mode by setting the Power Down (PHY_PWR_DWN)
bit of the PHY Basic Control Register (PHY_BASIC_CONTROL) before setting this power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com