Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 30 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 30 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 26Page - Microchip Technology LAN9250 Datasheet HTML 27Page - Microchip Technology LAN9250 Datasheet HTML 28Page - Microchip Technology LAN9250 Datasheet HTML 29Page - Microchip Technology LAN9250 Datasheet HTML 30Page - Microchip Technology LAN9250 Datasheet HTML 31Page - Microchip Technology LAN9250 Datasheet HTML 32Page - Microchip Technology LAN9250 Datasheet HTML 33Page - Microchip Technology LAN9250 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 421 page
background image
LAN9250
DS00001913A-page 30
 2015 Microchip Technology Inc.
FIGURE 5-1:
REGISTER ADDRESS MAP
RX Data FIFO Port
& Alias Ports
TX Data FIFO Port
& Alias Ports
RX Status FIFO Port
RX Status FIFO PEEK
TX Status FIFO Port
TX Status FIFO PEEK
000h
020h
040h
044h
048h
04Ch
100h
03Ch
01Ch
1588 Registers
18Ch
Host MAC Indirect Access
0A4h
0A8h
TX & RX Data FIFO Configuration
080h
068h
0ACh
Host MAC EEE
0BCh
Test
0E0h
0FCh
GPIO
1E0h
1E8h
3FFh
Interrupts
054h
05Ch
EEPROM
1B4h
1B8h
Host MAC
0A0h
GP Timer and Free Run Counter
09Ch
08Ch
LED Configuration
1BCh
Host MAC
0B0h
Note: Not all registers are shown
1C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com