Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 1 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 1 Page - Microchip Technology

  LAN9250 Datasheet HTML 1Page - Microchip Technology LAN9250 Datasheet HTML 2Page - Microchip Technology LAN9250 Datasheet HTML 3Page - Microchip Technology LAN9250 Datasheet HTML 4Page - Microchip Technology LAN9250 Datasheet HTML 5Page - Microchip Technology LAN9250 Datasheet HTML 6Page - Microchip Technology LAN9250 Datasheet HTML 7Page - Microchip Technology LAN9250 Datasheet HTML 8Page - Microchip Technology LAN9250 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 1
Highlights
• 16-bit 10/100 industrial Ethernet controller & PHY
• Interfaces to most 8/16-bit embedded controllers
and 32-bit embedded controllers with an 8/16-bit
bus
• Integrated Ethernet PHY with HP Auto-MDIX
• Integrated Ethernet MAC
• Compliant with Energy Efficient Ethernet 802.3az
• Wake on LAN (WoL) support
• Integrated IEEE 1588v2 hardware time stamp unit
• Cable diagnostic support
• 1.8V to 3.3V variable voltage I/O
• Integrated 1.2V regulator for single 3.3V operation
• Low pin count and small body size package
Target Applications
• Cable, satellite, and IP set-top boxes
• Digital televisions & video recorders
• VoIP/Video phone systems
• Home gateways
• Test/Measurement equipment
• Industrial automation systems
Key Benefits
• Single-chip Ethernet controller
- Fully compliant with IEEE 802.3/802.3u standards
- Integrated Ethernet MAC and PHY
- 10BASE-T and 100BASE-TX support
- 100BASE-FX support for external fiber transceiver
- Automatic polarity detection and correction
(HP Auto-MDIX)
- Full- and Half-duplex support
- Full-duplex flow control
- Backpressure for half-duplex flow control
- Preamble generation and removal
- Automatic 32-bit CRC generation and checking
- Automatic payload padding and pad removal
- Loop-back modes
• Eliminates dropped packets
- Internal buffer memory can store over 200 packets
- Automatic PAUSE and back-pressure flow control
• Flexible address filtering modes
- One 48-bit perfect address
- 64 hash-filtered multicast addresses
- Pass all multicast
- Promiscuous mode
- Inverse filtering
- Pass all incoming with status report
- Disable reception of broadcast packets
• 8/16-Bit Host Bus Interface
- Indexed register or multiplexed bus
- 16Kbyte FIFO with flexible TX/RX allocation
- SPI / Quad SPI support
• IEEE 1588v2 hardware time stamp unit
- Global 64-bit tunable clock
- Ordinary clock: master / slave, one-step / two-step, end-
to-end / peer-to-peer delay
- Fully programmable timestamp on TX or RX,
timestamp on GPIO
- 64-bit timer comparator event generation (GPIO or IRQ)
• Comprehensive power management features
- 3 power-down levels
- Wake on link status change (energy detect)
- Magic packet wakeup, Wake on LAN (WoL), wake on
broadcast, wake on perfect DA
- Wakeup indicator event signal
- Link status change
• Power and I/O
- Integrated power-on reset circuit
- Latch-up performance exceeds 150mA
per EIA/JESD78, Class II
- JEDEC Class 3A ESD performance
- Single 3.3V power supply
(integrated 1.2V regulator)
• Additional Features
- Multifunction GPIOs
- General purpose timer
- Optional EEPROM interface
- Ability to use low cost 25MHz crystal for reduced BOM
• Packaging
- Pb-free RoHS compliant 64-pin QFN or 64-pin TQFP-
EP
• Available in commercial, industrial, and extended
industrial* temp. ranges
*Extended temp. (105ºC) is supported only in the 64-QFN with an
external voltage regulator (internal regulator must be disabled) and
2.5V (typ) Ethernet magnetics.
LAN9250
10/100 Industrial Ethernet Controller & PHY


Similar Part No. - LAN9250

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN9252 MICROCHIP-LAN9252 Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
LAN9252/ML MICROCHIP-LAN9252/ML Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
LAN9252/PT MICROCHIP-LAN9252/PT Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
LAN9252I/ML MICROCHIP-LAN9252I/ML Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
LAN9252I/PT MICROCHIP-LAN9252I/PT Datasheet
4Mb / 329P
2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
01/27/15
More results

Similar Description - LAN9250

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN9215 SMSC-LAN9215 Datasheet
1Mb / 134P
Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN8187 SMSC-LAN8187_06 Datasheet
987Kb / 72P
짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
LAN9210 SMSC-LAN9210 Datasheet
4Mb / 146P
Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
LAN8720A SMSC-LAN8720A Datasheet
1Mb / 79P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
logo
SMSC Corporation
LAN9420 SMSC-LAN9420 Datasheet
1Mb / 171P
Single-Chip Ethernet Controller with HP Auto-MDIX Support and PCI Interface
logo
Microchip Technology
LAN9355 MICROCHIP-LAN9355 Datasheet
2Mb / 528P
Integrated Ethernet PHYs with HP Auto-MDIX
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com