Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 239 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 239 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 235Page - Microchip Technology LAN9250 Datasheet HTML 236Page - Microchip Technology LAN9250 Datasheet HTML 237Page - Microchip Technology LAN9250 Datasheet HTML 238Page - Microchip Technology LAN9250 Datasheet HTML 239Page - Microchip Technology LAN9250 Datasheet HTML 240Page - Microchip Technology LAN9250 Datasheet HTML 241Page - Microchip Technology LAN9250 Datasheet HTML 242Page - Microchip Technology LAN9250 Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 239
LAN9250
Note 7:
The default values of the Asymmetric Pause and Symmetric Pause bits are determined by the Manual Flow
Control Enable Strap (manual_FC_strap_1). When the Manual Flow Control Enable Strap is 0, the Symmet-
ric Pause bit defaults to 1 and the Asymmetric Pause bit defaults to the setting of the Full-Duplex Flow Con-
trol Enable Strap (FD_FC_strap_1). When the Manual Flow Control Enable Strap is 1, both bits default to 0.
Refer to Section 7.0, "Configuration Straps," on page 54 for more information. In 100BASE-FX mode, the
default value of these bits is 0.
Note 8:
The default value of this bit is determined by the logical OR of the Auto-Negotiation Enable strap
(autoneg_strap_1) with the logical AND of the negated Speed Select strap (speed_strap_1) and the Duplex
Select Strap (duplex_strap_1). Table 12-10 defines the default behavior of this bit. Refer to Section 7.0,
"Configuration Straps," on page 54 for more information. In 100BASE-FX mode, the default value of this bit
is a 0.
Note 9:
The default value of this bit is determined by the logical OR of the Auto-Negotiation strap (autoneg_strap_1)
and the negated Speed Select strap (speed_strap_1). Table 12-11 defines the default behavior of this bit.
Refer to Section 7.0, "Configuration Straps," on page 54 for more information. In 100BASE-FX mode, the
default value of this bit is a 0.
5
10BASE-T Half Duplex
This bit determines the advertised 10BASE-T half duplex capability.
0: 10BASE-T half duplex ability not advertised
1: 10BASE-T half duplex ability advertised
R/W
Note 9
Table 12-11
4:0
Selector Field
This field identifies the type of message being sent by Auto-Negotiation.
00001: IEEE 802.3
R/W
00001b
TABLE 12-10: 10BASE-T FULL DUPLEX ADVERTISEMENT DEFAULT VALUE
autoneg_strap_1
speed_strap_1
duplex_strap_1
Default 10BASE-T Full Duplex (Bit 6) Value
00
0
0
00
1
1
01
0
0
01
1
0
1x
x
1
TABLE 12-11: 10BASE-T HALF DUPLEX ADVERTISEMENT BIT DEFAULT VALUE
autoneg_strap_1
speed_strap_1
Default 10BASE-T Half Duplex (Bit 5) Value
00
1
01
0
10
1
11
1
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com