Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 263 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 263 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 259Page - Microchip Technology LAN9250 Datasheet HTML 260Page - Microchip Technology LAN9250 Datasheet HTML 261Page - Microchip Technology LAN9250 Datasheet HTML 262Page - Microchip Technology LAN9250 Datasheet HTML 263Page - Microchip Technology LAN9250 Datasheet HTML 264Page - Microchip Technology LAN9250 Datasheet HTML 265Page - Microchip Technology LAN9250 Datasheet HTML 266Page - Microchip Technology LAN9250 Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 263
LAN9250
MDIO Manageable Device (MMD) Registers
The device MMD registers adhere to the IEEE 802.3-2008 45.2 MDIO Interface Registers specification. The MMD reg-
isters are not memory mapped. These registers are accessed indirectly via the PHY MMD Access Control Register
(PHY_MMD_ACCESS) and PHY MMD Access Address/Data Register (PHY_MMD_ADDR_DATA). The supported
MMD device addresses are 3 (PCS), 7 (Auto-Negotiation), and 30 (Vendor Specific). Table 12-15, "MMD Registers"
details the supported registers within each MMD device.
To read or write an MMD register, the following procedure must be observed:
1.
Write the PHY MMD Access Control Register (PHY_MMD_ACCESS) with 00b (address) for the MMD Function
field and the desired MMD device (3 for PCS, 7 for Auto-Negotiation) for the MMD Device Address (DEVAD) field.
2.
Write the PHY MMD Access Address/Data Register (PHY_MMD_ADDR_DATA) with the 16-bit address of the
desired MMD register to read/write within the previously selected MMD device (PCS or Auto-Negotiation).
TABLE 12-15: MMD REGISTERS
MMD DEVICE
ADDRESS
(IN DECIMAL)
INDEX
(IN DECIMAL)
REGISTER NAME
3
(PCS)
0
PHY PCS Control 1 Register (PHY_PCS_CTL1)
1
PHY PCS Status 1 Register (PHY_PCS_STAT1)
5
PHY PCS MMD Devices Present 1 Register
(PHY_PCS_MMD_PRESENT1)
6
PHY PCS MMD Devices Present 2 Register
(PHY_PCS_MMD_PRESENT2)
20
PHY EEE Capability Register (PHY_EEE_CAP)
22
PHY EEE Wake Error Register (PHY_EEE_WAKE_ERR)
7
(Auto-Negotiation)
5
PHY Auto-Negotiation MMD Devices Present 1 Register (PHY_AN_M-
MD_PRESENT1)
6
PHY Auto-Negotiation MMD Devices Present 2 Register (PHY_AN_M-
MD_PRESENT2)
60
PHY EEE Advertisement Register (PHY_EEE_ADV)
61
PHY EEE Link Partner Advertisement Register (PHY_EEE_LP_ADV)
30
(Vendor Specific)
2
PHY Vendor Specific MMD 1 Device ID 1 Register
(PHY_VEND_SPEC_MMD1_DEVID1)
3
PHY Vendor Specific MMD 1 Device ID 2 Register
(PHY_VEND_SPEC_MMD1_DEVID2)
5
PHY Vendor Specific MMD 1 Devices Present 1 Register
(PHY_VEND_SPEC_MMD1_PRESENT1)
6
PHY Vendor Specific MMD 1 Devices Present 2 Register
(PHY_VEND_SPEC_MMD1_PRESENT2)
8
PHY Vendor Specific MMD 1 Status Register (PHY_VEND_SPEC_M-
MD1_STAT)
14
PHY Vendor Specific MMD 1 Package ID 1 Register
(PHY_VEND_SPEC_MMD1_PKG_ID1)
15
PHY Vendor Specific MMD 1 package ID 2 Register
(PHY_VEND_SPEC_MMD1_PKG_ID2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com