Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9250 Datasheet(PDF) 111 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 111 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 107Page - Microchip Technology LAN9250 Datasheet HTML 108Page - Microchip Technology LAN9250 Datasheet HTML 109Page - Microchip Technology LAN9250 Datasheet HTML 110Page - Microchip Technology LAN9250 Datasheet HTML 111Page - Microchip Technology LAN9250 Datasheet HTML 112Page - Microchip Technology LAN9250 Datasheet HTML 113Page - Microchip Technology LAN9250 Datasheet HTML 114Page - Microchip Technology LAN9250 Datasheet HTML 115Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 111
LAN9250
9.5.6.4
FIFO Direct Select Access
The figures in this section detail FIFO Direct Select (FIFOSEL) read and write cycles in indexed address mode for 16
and 8-bit modes. Additionally, FIFO Direct Select Burst reads are shown for 16, and 8-bit modes. FIFO Direct Select
Burst mode supports up to 8 DWORDs of consecutive reads. FIFO Direct Select (FIFOSEL) read and write cycles do
not required an index register write.
16-BIT READ
FIFOSEL is set high and address bit 1 is set to access the lower WORD of the FIFO, while address bits 4:2 are don’t
care. Read data is driven on D[15:0] during RD active. The cycle repeats for the upper WORD of the FIFO.
16-BIT WRITE
FIFOSEL is set high and address bit 1 is set to access the lower WORD of the FIFO, while address bits 4:2 are don’t
care. Data on D[15:0] is written on the trailing edge of WR. The cycle repeats for the upper WORD of the FIFO.
FIGURE 9-35:
INDEXED ADDRESSING FIFO DIRECT SELECT ACCESS - 16-BIT READ
FIGURE 9-36:
INDEXED ADDRESSING FIFO DIRECT SELECT ACCESS - 16-BIT WRITE
CS
RD
WR
3'bXXX,1'b0
RX FIFO 15:8
D[15:8]
A[4:1]
3'bXXX,1'b1
RX FIFO 31:24
RX FIFO 7:0
D[7:0]
RX FIFO 23:16
FIFOSEL
CS
RD
WR
3'bXXX,1'b0
TX FIFO 15:8
D[15:8]
A[4:1]
3'bXXX,1'b1
TX FIFO 31:24
TX FIFO 7:0
D[7:0]
TX FIFO 23:16
FIFOSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com