Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 101 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 97Page - Texas Instruments TNETV2501INPGF Datasheet HTML 98Page - Texas Instruments TNETV2501INPGF Datasheet HTML 99Page - Texas Instruments TNETV2501INPGF Datasheet HTML 100Page - Texas Instruments TNETV2501INPGF Datasheet HTML 101Page - Texas Instruments TNETV2501INPGF Datasheet HTML 102Page - Texas Instruments TNETV2501INPGF Datasheet HTML 103Page - Texas Instruments TNETV2501INPGF Datasheet HTML 104Page - Texas Instruments TNETV2501INPGF Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 197 page
background image
Functional Overview
101
December 2002 − Revised November 2008
SPRS206K
3.11.2.7
Parallel GPIO Enable Register 2 (PGPIOEN2)
15
14
13
12
11
10
9
8
Reserved
IO45EN
IO44EN
IO43EN
IO42EN
IO41EN
IO40EN
R/W, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
IO39EN
IO38EN
IO37EN
IO36EN
IO35EN
IO34EN
IO33EN
IO32EN
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−40. Parallel GPIO Enable Register 2 Layout (0x4406)
Table 3−42. Parallel GPIO Enable Register 2 Bit Field Description†
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−14
R/W
00
Reserved
IOxEN
13−0
R/W
00000000000000
Enable or disable output function of the corresponding I/O pins.
See Table 3−35, TMS320VC5501 PGPIO Cross-Reference to deter-
mine which device pins correspond to the PGPIO pins.
IOxEN = 0:
Output function of the PGPIOx pin is disabled—i.e.,
the pin cannot drive an output signal; it can only be
used as an input. When IOxEN = 0, IOxDIR must
also be cleared to 0.
IOxEN = 1:
Output function of the PGPIOx pin is enabled—i.e.,
the pin is used to drive an output signal. When
IOxEN = 0, IOxDIR must also be set to 1;
otherwise, the output value is undefined.
† x = value from 32 to 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com