Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 105 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 101Page - Texas Instruments TNETV2501INPGF Datasheet HTML 102Page - Texas Instruments TNETV2501INPGF Datasheet HTML 103Page - Texas Instruments TNETV2501INPGF Datasheet HTML 104Page - Texas Instruments TNETV2501INPGF Datasheet HTML 105Page - Texas Instruments TNETV2501INPGF Datasheet HTML 106Page - Texas Instruments TNETV2501INPGF Datasheet HTML 107Page - Texas Instruments TNETV2501INPGF Datasheet HTML 108Page - Texas Instruments TNETV2501INPGF Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 197 page
background image
Functional Overview
105
December 2002 − Revised November 2008
SPRS206K
3.12.1
External Bus Control Register (XBCR)
15
8
Reserved
R, 00000000
76
54
32
10
EMU
TEST
WDT
HC
HD
PC
PD
PA
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−43. External Bus Control Register Layout (0x8800)
Table 3−46. External Bus Control Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−8
R
00000000
Reserved
EMU
7
R/W
0
EMU bit
EMU = 0:
Pullups on EMU1 and EMU0 pins are enabled.
EMU = 1:
Pullups on EMU1 and EMU0 pins are disabled.
TEST
6
R/W
0
TEST bit
TEST = 0: Pullups/pulldowns on test pins are enabled
(does not include EMU1 and EMU0 pins)
TEST = 1: Pullups/pulldowns on test pins are disabled
(does not include EMU1 and EMU0 pins)
WDT
5
R/W
0
WDT bit
WDT = 0:
Pullup on NMI/WDTOUT pin is enabled
WDT = 1:
Pullup on NMI/WDTOUT pin is disabled
HC
4
R/W
0
HPI control signal bit
HC = 0:
Pullups/pulldowns on HPI control pins (HC0 and HC1)
are enabled
HC = 1:
Pullups/pulldowns on HPI control pins (HC0 and HC1)
are disabled
HD
3
R/W
0
HPI data bus bit
HD = 0:
Bus holders on HPI data bus (pins HD[7:0]) are enabled
HD = 1:
Bus holders on HPI data bus (pins HD[7:0]) are disabled
PC
2
R/W
0
EMIF control signals
PC = 0:
Bus holders and pullups on EMIF control pins are enabled
PC = 1:
Bus holders and pullups on EMIF control pins are disabled
PD
1
R/W
0
EMIF data bus signals
PD = 0:
Bus holders on EMIF data bus (pins D[31:0]) are enabled
PD = 1:
Bus holders on EMIF data bus (pins D[31:0]) are disabled
PA
0
R/W
0
EMIF address bus signals
PA = 0:
Bus holders on EMIF address bus (pins A[21:2]) are
enabled
PA = 1:
Bus holders on EMIF address bus (pins A[21:2]) are
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com