Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 106 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 102Page - Texas Instruments TNETV2501INPGF Datasheet HTML 103Page - Texas Instruments TNETV2501INPGF Datasheet HTML 104Page - Texas Instruments TNETV2501INPGF Datasheet HTML 105Page - Texas Instruments TNETV2501INPGF Datasheet HTML 106Page - Texas Instruments TNETV2501INPGF Datasheet HTML 107Page - Texas Instruments TNETV2501INPGF Datasheet HTML 108Page - Texas Instruments TNETV2501INPGF Datasheet HTML 109Page - Texas Instruments TNETV2501INPGF Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 197 page
background image
Functional Overview
106
December 2002 − Revised November 2008
SPRS206K
3.13 Internal Ports and System Registers
The 5501 includes three internal ports that interface the CPU core with the peripheral modules. Although these
ports cannot be directly controlled by user code, the registers associated with each port can be used to monitor
a number of error conditions that could be generated through illegal operation of the 5501. The port registers
are described in the following sections.
The 5501 also includes two registers that can be used to monitor and control several aspects of the interface
between the CPU and the system-level peripherals, these registers are also described in the following
sections.
3.13.1
XPORT Interface
The XPORT interfaces the CPU core to all peripheral modules. The XPORT will generate bus errors for invalid
accesses to any registers that fall under the ranges shown in Table 3−47. The INTERREN bit of the XPORT
Configuration Register (XCR) controls the bus error feature of the XPORT. The INTERR bit of the XPORT Bus
Error Register (XERR) is set to “1” when an error occurs during an access to a register listed in Table 3−47.
The EBUS and DBUS bits can be used to distinguish whether the error occurred during a write or read access.
Table 3−47. I/O Addresses Under Scope of XPORT
I/O ADDRESS RANGE
0x0000−0x03FF
0x1400−0x17FF
0x2000−0x23FF
The PERITO bit of the XERR is used to indicate that a CPU, DMA, or HPI access to a disabled/idled peripheral
module has generated a time-out error. The time-out error feature is enabled through the PERITOEN bit of
the Time-Out Control Register (TOCR). A time-out error is generated when 512 clock cycles pass without a
response from the peripheral register.
The XPORT can be placed into idle by setting the XPORTI bit of the Idle Control Register (ICR) and executing
the IDLE instruction. When the XPORT is in idle, it will stop accepting new peripheral module requests and
it will also not check for internal I/O bus errors. If there is a request from the CPU core or a peripheral module,
the XPORT will not respond and hang. The ICR register will generate a bus error if the XPORT is idled without
the CPU or Master Port domains being in idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com