Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 104 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 100Page - Texas Instruments TNETV2501INPGF Datasheet HTML 101Page - Texas Instruments TNETV2501INPGF Datasheet HTML 102Page - Texas Instruments TNETV2501INPGF Datasheet HTML 103Page - Texas Instruments TNETV2501INPGF Datasheet HTML 104Page - Texas Instruments TNETV2501INPGF Datasheet HTML 105Page - Texas Instruments TNETV2501INPGF Datasheet HTML 106Page - Texas Instruments TNETV2501INPGF Datasheet HTML 107Page - Texas Instruments TNETV2501INPGF Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 197 page
background image
Functional Overview
104
December 2002 − Revised November 2008
SPRS206K
3.12 External Bus Control Register
The External Bus Control Register is used to disable/enable the bus pullups, pulldowns, and bus holders of
the 5501 pins. Table 3−45 lists which 5501 pins have pullups, pulldowns, and bus holders, and which bit on
the XBCR enables/disables that feature. Please note that for pins with dual functionality (e.g., HC0, HC1, C0,
etc.), the bus holder, pullup, and pulldown feature of each pin can be enabled or disabled regardless of the
function of the pin at the time.
Table 3−45. Pins With Pullups, Pulldowns, and Bus Holders
XBCR CONTROL BIT
PIN
FEATURE
TCK
Pullup
TEST
TDI
Pullup
TEST
TMS
Pullup
TRST
Pulldown
EMU
EMU1/OFF
Pullup
EMU
EMU0
Pullup
WDT
NMI/WDTOUT
Pullup
HC0
Pullup
HC1
Pulldown
HCNTL0
Pullup
HCNTL1
Pullup
HC
HCS
Pullup
HC
HR/W
Pullup
HDS1
Pullup
HDS2
Pullup
HRDY
Pullup
HINT
Pullup
HD
HD[7:0]
Bus Holder
C0
Bus Holder
C1
Bus Holder
C2
Bus Holder
C3
Pullup
C4
Bus Holder
C5
Bus Holder
C6
Bus Holder
PC
C7
Bus Holder
PC
C8
Bus Holder
C9
Bus Holder
C10
Bus Holder
C11
Bus Holder
C12
Bus Holder
C13
Bus Holder
C14
Pullup
C15
Bus Holder
PD
D[31:0]
Bus Holder
PA
A[21:2]
Bus Holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com