Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2501INPGF Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2501INPGF
Description  Fixed-Point Digital Signal Processor
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2501INPGF Datasheet(HTML) 102 Page - Texas Instruments

Back Button TNETV2501INPGF Datasheet HTML 98Page - Texas Instruments TNETV2501INPGF Datasheet HTML 99Page - Texas Instruments TNETV2501INPGF Datasheet HTML 100Page - Texas Instruments TNETV2501INPGF Datasheet HTML 101Page - Texas Instruments TNETV2501INPGF Datasheet HTML 102Page - Texas Instruments TNETV2501INPGF Datasheet HTML 103Page - Texas Instruments TNETV2501INPGF Datasheet HTML 104Page - Texas Instruments TNETV2501INPGF Datasheet HTML 105Page - Texas Instruments TNETV2501INPGF Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 197 page
background image
Functional Overview
102
December 2002 − Revised November 2008
SPRS206K
3.11.2.8
Parallel GPIO Direction Register 2 (PGPIODIR2)
15
14
13
12
11
10
9
8
Reserved
IO45DIR
IO44DIR
IO43DIR
IO42DIR
IO41DIR
IO40DIR
R/W, 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
76
54
32
10
IO39DIR
IO38DIR
IO37DIR
IO36DIR
IO35DIR
IO34DIR
IO33DIR
IO32DIR
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3−41. Parallel GPIO Direction Register 2 Layout (0x4407)
Table 3−43. Parallel GPIO Direction Register 2 Bit Field Description†
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15−14
R/W
00
Reserved
IOxDIR
13−0
R/W
00000000000000
Data direction bits specify if corresponding bits in the data registers
specify an output value or an input value. See Table 3−35,
TMS320VC5501 PGPIO Cross-Reference to determine which de-
vice pins correspond to the PGPIO pins.
IOxDIR = 0:
Corresponding bit in the data register specifies
the value read on the PGPIOx pin (input). When
IOxDIR = 0, IOxEN must also be cleared to 0.
IOxDIR = 1:
Corresponding bit in the data register specifies
the value driven on the PGPIOx pin (output).
When IOxDIR = 1, IOxEN must also be set to 1.
† x = value from 32 to 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com