Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 99Page - STMicroelectronics ST10F296E Datasheet HTML 100Page - STMicroelectronics ST10F296E Datasheet HTML 101Page - STMicroelectronics ST10F296E Datasheet HTML 102Page - STMicroelectronics ST10F296E Datasheet HTML 103Page - STMicroelectronics ST10F296E Datasheet HTML 104Page - STMicroelectronics ST10F296E Datasheet HTML 105Page - STMicroelectronics ST10F296E Datasheet HTML 106Page - STMicroelectronics ST10F296E Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Interrupt system
103/346
9.1
XPeripheral interrupt
The limited number of XBus interrupt lines of the present ST10 architecture, imposes some
constraints on the implementation of the new functionality. In particular, the additional
XPeripherals SSC1, ASC1, I2C, PWM1, and RTC need some resources to implement
interrupt and PEC transfer capabilities. For this reason, a sophisticated but very flexible
multiplexed structure for the interrupt management is proposed (see Figure 20). It shows the
basic structure replicated for each of the four XInterrupt available vectors (XP0INT, XP1INT,
XP2INT, and XP3INT).
It is based on a set of 16-bit registers XIRxSEL (x = 0, 1, 2, 3), divided into two portions
each:
●
Byte high, XIRxSEL[15:8]: Interrupt enable bits
●
Byte low, XIRxSEL[7:0]: Interrupt flag bits
When different sources submit an interrupt request, the enable bits (byte high of the
XIRxSEL register) define a mask which controls which sources are associated with the
unique available vector. If more than one source is enabled to issue the request, the service
routine has to identify the real event to be serviced. This can be done by checking the flag
bits (byte low of the XIRxSEL register). Note that the flag bits can also provide information
about events which are not currently serviced by the interrupt controller (since they are
masked through the enable bits). This allows effective software management in the absence
of the possibility to serve the related interrupt request. A periodic polling of the flag bits may
be implemented inside the user application.
Note:
The XIRxSEL registers are mapped into the XMiscellaneous area. Therefore, they can be
accessed only if the XMISCEN and XPEN bits are set in the XPERCON and SYSCON
registers respectively.
Figure 20.
XInterrupt basic structure
XIRxSEL[7:0] (x = 0, 1, 2, 3)
XIRxSEL[15:8] (x = 0, 1, 2, 3)
XPxIC.XPxIR (x = 0, 1, 2, 3)
70
15
8
IT source 7
IT source 6
IT source 5
IT source 4
IT source 3
IT source 2
IT source 1
IT source 0
Enable[7:0]
Flag[7:0]
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com