Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 101Page - STMicroelectronics ST10F296E Datasheet HTML 102Page - STMicroelectronics ST10F296E Datasheet HTML 103Page - STMicroelectronics ST10F296E Datasheet HTML 104Page - STMicroelectronics ST10F296E Datasheet HTML 105Page - STMicroelectronics ST10F296E Datasheet HTML 106Page - STMicroelectronics ST10F296E Datasheet HTML 107Page - STMicroelectronics ST10F296E Datasheet HTML 108Page - STMicroelectronics ST10F296E Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Interrupt system
105/346
9.2
Exception and error traps list
Table 49 shows all of the possible exceptions or error conditions that can arise during run-
time.
Table 49.
Trap priorities
Exception condition
Trap
flag
Trap
vector
Vector
location
Trap
number
Trap
priority(1)
1.
All class B traps have the same trap number, trap vector, and lower priority compared to class A traps and
resets.
Each class A trap has a dedicated trap number (and vector). They are prioritized in the second priority
level.
Resets have the highest priority level and the same trap number.
The PSW.ILVL CPU priority is forced to the highest level (15) when these exceptions are serviced.
Reset functions:
Hardware reset
Software reset
Watchdog timer overflow
RESET
RESET
RESET
00’0000h
00’0000h
00’0000h
00h
00h
00h
III
III
III
Class A hardware traps:
Nonmaskable interrupt
Stack overflow
Stack underflow
NMI
STKOF
STKUF
NMITRAP
STOTRAP
STUTRAP
00’0008h
00’0010h
00’0018h
02h
04h
06h
II
II
II
Class B hardware traps:
Undefined opcode
MAC Interruption
Protected instruction fault
Illegal word operand access
Illegal instruction access
Illegal external bus access
UNDOPC
MACTRP
PRTFLT
ILLOPA
ILLINA
ILLBUS
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
BTRAP
00’0028h
00’0028h
00’0028h
00’0028h
00’0028h
00’0028h
0Ah
0Ah
0Ah
0Ah
0Ah
0Ah
I
I
I
I
I
I
Reserved
[002Ch - 003Ch]
[0Bh - 0Fh]
Software traps:
TRAP Instruction
Any
0000h – 01FCh
in steps of 4h
Any
[00h - 7Fh]
Current
CPU
priority
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com