Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 114 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 114 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 110Page - STMicroelectronics ST10F296E Datasheet HTML 111Page - STMicroelectronics ST10F296E Datasheet HTML 112Page - STMicroelectronics ST10F296E Datasheet HTML 113Page - STMicroelectronics ST10F296E Datasheet HTML 114Page - STMicroelectronics ST10F296E Datasheet HTML 115Page - STMicroelectronics ST10F296E Datasheet HTML 116Page - STMicroelectronics ST10F296E Datasheet HTML 117Page - STMicroelectronics ST10F296E Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Pulse-width modulation (PWM) modules
ST10F296E
114/346
12
Pulse-width modulation (PWM) modules
Two PWM modules are available on ST10F296E: Standard PWM0 and XBus PWM1. They
can generate up to four PWM output signals each, using edge-aligned or centre-aligned
PWM. In addition, the PWM modules can generate PWM burst signals and single shot
outputs. Table 57 and Table 58 show the PWM frequencies for different resolutions. The
level of the output signals is selectable and the PWM modules can generate interrupt
requests.
Figure 26 shows the block diagram of the PWM module.
Figure 26.
Block diagram of PWM module
1.
User readable/writeable register
PPx period register(1)
Comparator
PTx
16-bit Up/down counter(1)
Shadow register
PWx pulse width register(1)
Input
Run
control
Clock 1
Clock 2
Comparator
Up/down/
clear control
Match
Output control
Match
Write control
Enable
POUTx
Table 57.
PWM unit frequencies and resolution at 40 MHz CPU clock
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
25 ns
156.25 kHz
39.1 kHz
9.77 kHz
2.44 Hz
610 Hz
CPU clock/64
1.6 µs
2.44kHz
610 Hz
152.6 Hz
38.15Hz
9.54 Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
25 ns
78.12 kHz
19.53 kHz
4.88 kHz
1.22 kHz
305.2 Hz
CPU clock/64
1.6 µs
1.22 kHz
305.17 Hz
76.29 Hz
19.07 Hz
4.77 Hz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com