Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 111Page - STMicroelectronics ST10F296E Datasheet HTML 112Page - STMicroelectronics ST10F296E Datasheet HTML 113Page - STMicroelectronics ST10F296E Datasheet HTML 114Page - STMicroelectronics ST10F296E Datasheet HTML 115Page - STMicroelectronics ST10F296E Datasheet HTML 116Page - STMicroelectronics ST10F296E Datasheet HTML 117Page - STMicroelectronics ST10F296E Datasheet HTML 118Page - STMicroelectronics ST10F296E Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Pulse-width modulation (PWM) modules
115/346
12.1
XPWM output signals
The output signals of the four XPWM channels (XPOUT3...XPOUT0) are available as
dedicated pins. The XPWM signals are XORed with the outputs of the XPOLAR register
before being driven to the dedicated pins. This allows the XPWM signal (XPOLAR.x = 0) or
the inverted XPWM signal (XPOLAR.x = 1) to be driven directly.
Note:
Using open-drain mode allows two or more XPWM outputs to be combined through an
AND-wired configuration, using an external pull-up device. This provides a type of burst
mode for any XPWM channel.
12.2
XPWM registers
XPOLAR register
The XPWMPORT register controls the specific XPWM output pins. Each output can be
enabled/disabled which allows the XPWM to be configured as a push-pull or open-drain
driver. In addition, the signal coming from the XPOLAR register is inverted. If both
XPOLAR.Y and XP.y are set, no inversion is achieved.
Table 58.
PWM unit frequencies and resolution at 64 MHz CPU clock
Mode 0
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
15.6 ns
250 kHz
62.5 kHz
15.63 kHz
3.91 Hz
977 Hz
CPU clock/64
1.0 µs
3.91 kHz
976.6 Hz
244.1 Hz
61.01 Hz
15.26 Hz
Mode 1
Resolution
8-bit
10-bit
12-bit
14-bit
16-bit
CPU clock/1
15.6 ns
125 kHz
31.25 kHz
7.81 kHz
1.95 kHz
488.3 Hz
CPU clock/64
1.0 µs
1.95 kHz
488.28 Hz
122.07 Hz
30.52 Hz
7.63 Hz
XPOLAR (EC04h)
XBus
Reset value: 0000h
15
14
13
12
11
10
98
7654
3210
Reserved
XPO
LAR.3
XPO
LAR.2
XPO
LAR.1
XPO
LAR.0
-
RWRWRWRW
Table 59.
XPOLAR register description
Bit
Bit name
Function
15-4
-
Reserved
3-0
XPOLAR.Y
XPWM channel Y polarity bit
0: Polarity of channel Y is normal
1: Polarity of channel Y is inverted
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com