Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 119Page - STMicroelectronics ST10F296E Datasheet HTML 120Page - STMicroelectronics ST10F296E Datasheet HTML 121Page - STMicroelectronics ST10F296E Datasheet HTML 122Page - STMicroelectronics ST10F296E Datasheet HTML 123Page - STMicroelectronics ST10F296E Datasheet HTML 124Page - STMicroelectronics ST10F296E Datasheet HTML 125Page - STMicroelectronics ST10F296E Datasheet HTML 126Page - STMicroelectronics ST10F296E Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
123/346
XPICON9 register
XPICON9SET register
XPICON9CLR register
XPICON9 (EB98h)
XBus
Reset value: 0000h
15
14
13
12
11
10
9876
5432
10
XP9I
N.15
XP9I
N.14
XP9I
N.13
XP9I
N.12
XP9I
N.11
XP9I
N.10
XP9
IN.9
XP9
IN.8
XP9
IN.7
XP9
IN.6
XP9
IN.5
XP9
IN.4
XP9
IN.3
XP9
IN.2
XP9
IN.1
XP9
IN.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 63.
XPICON9 register description
Bit
Bit name
Function
15-0
XP9IN.y
Port 9 bit y input level selection
0: Port line XP9.y switch on standard TTL input levels
1: Port line XP9.y switch on standard CMOS input levels
XPICON9SET (EB9Ah)
XBus
Reset value: 0000h
15
14
13
12
11
10
9876
5432
10
XP9I
NSE
T.15
XP9I
NSE
T.14
XP9I
NSE
T.13
XP9I
NSE
T.12
XP9I
NSE
T.11
XP9I
NSE
T.10
XP9
INS
ET.9
XP9
INS
ET.8
XP9
INS
ET.7
XP9
INS
ET.6
XP9
INS
ET.5
XP9
INS
ET.4
XP9
INS
ET.3
XP9
INS
ET.2
XP9
INS
ET.1
XP9
INS
ET.0
WW
WW
W
W
W
W
WW
WWWW
WW
Table 64.
XPICON9SET register description
Bit
Bit name
Function
15-0
XP9INSET.y
Writing a 1 sets the corresponding bit of the XPICON9.y register. Writing a
0 has no effect
XPICON9CLR (EB9Ch)
XBus
Reset value: 0000h
15
14
13
12
11
10
98765
43210
XP9
INC
LR
.15
XP9
INC
LR
.14
XP9
INC
LR
.13
XP9
INC
LR
.12
XP9
INC
LR
.11
XP9
INC
LR
.10
XP9
INC
LR
.9
XP9
INC
LR
.8
XP9
INC
LR
.7
XP9
INC
LR
.6
XP9
INC
LR
.5
XP9
INC
LR
.4
XP9
INC
LR
.3
XP9
INC
LR
.2
XP9
INC
LR
.1
XP9
INC
LR
.0
WW
WW
W
W
W
W
WW
WWWWWW
Table 65.
XPICON9CLR register description
Bit
Bit name
Function
15-0
XP9INCLR.y
Writing a 1 clears the corresponding bit of the XPICON9.y register.
Writing a 0 has no effect.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com