Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 123Page - STMicroelectronics ST10F296E Datasheet HTML 124Page - STMicroelectronics ST10F296E Datasheet HTML 125Page - STMicroelectronics ST10F296E Datasheet HTML 126Page - STMicroelectronics ST10F296E Datasheet HTML 127Page - STMicroelectronics ST10F296E Datasheet HTML 128Page - STMicroelectronics ST10F296E Datasheet HTML 129Page - STMicroelectronics ST10F296E Datasheet HTML 130Page - STMicroelectronics ST10F296E Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
127/346
DP0L and DP0H registers
13.2.2
Alternate functions of Port 0
When an external bus is enabled, Port 0 is used as a data bus or an address/data bus.
Note that an external 8-bit demultiplexed bus only uses P0L, while P0H is free for I/O
(provided that no other bus mode is enabled).
Port 0 is also used to select the system startup configuration. During reset, Port 0 is
configured to input, and each line is held high through an internal pull-up device.
Each line can now be individually pulled to a low level (see Section 24.5: DC characteristics)
through an external pull-down device. A default configuration is selected when the
respective Port 0 lines are at a high level. Through pulling individual lines to a low level, this
default can be changed according to the needs of the applications.
Internal pull-up devices are designed so that external pull-down resistors (see Section 24.5:
DC characteristics) can be used to apply a correct low level.
Such external pull-down resistors can remain connected to Port 0 pins during normal
operation. However, care has to be taken that they do not disturb the normal function of Port
0 (for example, if the external resistor is too strong).
At the end of reset, the selected bus configuration is written to the BUSCON0 register. The
configuration of the high byte of Port 0, is copied into the RP0H register.
RPOH is a read-only register that holds the selection for the number of chip selects and
segment addresses. Software can read this register if required. When the reset is
terminated, the internal pull-up devices are switched off, and Port 0 is switched to the
appropriate operating mode.
DP0L (F100h/80h)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
DP0L
.7
DP0L
.6
DP0L
.5
DP0L
.4
DP0L
.3
DP0L
.2
DP0L
.1
DP0L
.0
-
RW
RW
RW
RW
RW
RW
RW
RW
DP0H (F102h/81h)
ESFR
Reset value: --00h
15
14
13
12
11
10
9
8
7
6543
210
Reserved
DP0H
.7
DP0H
.6
DP0H
.5
DP0H
.4
DP0H
.3
DP0H
.2
DP0H
.1
DP0H
.0
-
RW
RW
RW
RW
RW
RW
RW
RW
Table 68.
DP0L and DP0H register description
Bit
Bit name
Function
15-8
-
Reserved
7-0
DP0X.y
Port direction register DP0L or DP0H bit y
0: Port line P0X.y is an input (high impedance)
1: Port line P0X.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com