Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 124Page - STMicroelectronics ST10F296E Datasheet HTML 125Page - STMicroelectronics ST10F296E Datasheet HTML 126Page - STMicroelectronics ST10F296E Datasheet HTML 127Page - STMicroelectronics ST10F296E Datasheet HTML 128Page - STMicroelectronics ST10F296E Datasheet HTML 129Page - STMicroelectronics ST10F296E Datasheet HTML 130Page - STMicroelectronics ST10F296E Datasheet HTML 131Page - STMicroelectronics ST10F296E Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
128/346
During external access in multiplexed bus modes, Port 0 first outputs the 16-bit intra-
segment address as an alternate output function. Port 0 is then switched to high impedance
input mode to read the incoming instruction or data.
In 8-bit data bus mode, two memory cycles are required for word access. The first memory
cycle is for the low byte of the word and the second is for the high byte. During write cycles
Port 0 outputs the data byte or word after outputting the address. During external access in
de-multiplexed bus modes Port 0 reads the incoming instruction or data word or outputs the
data byte or word (see Figure 32).
When an external bus mode is enabled, the direction of the port pin and the loading of data
into the port output latch are controlled by the bus controller hardware. The input of the port
output latch is disconnected from the internal bus and is switched to the line labeled
‘alternate data output’ via a multiplexer. The alternate data can be the 16-bit intra-segment
address or the 8/16-bit data information. The incoming data on Port 0 is read on the line
‘alternate data input’. While an external bus mode is enabled, the user software should not
write to the port output latch, otherwise unpredictable results may occur.
When the external bus modes are disabled, the contents of the direction register last written
by the user becomes active. Figure 33 shows the structure of a Port 0 pin.
Figure 32.
Port 0 I/O and alternate functions
Port 0
P0H
P0L
Alternate functions
(a)
(b)
(c)
(d)
16-bit
demultiplexed
bus
8-bit
multiplexed
bus
16-bit
multiplexed
bus
D7
D6
D5
D4
D3
D2
D1
D0
P0L.7
P0L.6
P0L.5
P0L.4
P0L.3
P0L.2
P0L.1
P0L.0
P0H.7
P0H.6
P0H.5
P0H.4
P0H.3
P0H.2
P0H.1
P0H.0
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
A15
A14
A13
A12
A11
A10
A9
A8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
AD15
AD14
AD13
AD12
AD11
AD10
AD9
AD8
8-bit
de-multiplexed
bus
General
purpose
input/output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com