Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 128Page - STMicroelectronics ST10F296E Datasheet HTML 129Page - STMicroelectronics ST10F296E Datasheet HTML 130Page - STMicroelectronics ST10F296E Datasheet HTML 131Page - STMicroelectronics ST10F296E Datasheet HTML 132Page - STMicroelectronics ST10F296E Datasheet HTML 133Page - STMicroelectronics ST10F296E Datasheet HTML 134Page - STMicroelectronics ST10F296E Datasheet HTML 135Page - STMicroelectronics ST10F296E Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
132/346
Figure 34.
Port 1 I/O and alternate functions
When an external bus mode is enabled, the direction of the port pin and the loading of data
into the port output latch are controlled by the bus controller hardware. The input of the port
output latch is disconnected from the internal bus and is switched to the line labeled
‘alternate data output’ via a multiplexer. The alternate data is the 16-bit intra-segment
address.
While an external bus mode is enabled, the user software should not write to the port output
latch, otherwise unpredictable results may occur. When the external bus modes are
disabled, the contents of the direction register that was last written by the user becomes
active.
Figure 35 shows the structure of a Port 1 pin.
Figure 35.
Block diagram of a Port 1 pin
PORT1
P1H
P1L
Alternate functions
(a)
General purpose
input/output
8/16-bit
demultiplexed bus
(b)
CAPCOM2
capture inputs
P1L.7
P1L.6
P1L.5
P1L.4
P1L.3
P1L.2
P1L.1
P1L.0
P1H.7
P1H.6
P1H.5
P1H.4
P1H.3
P1H.2
P1H.1
P1H.0
A7
A6
A5
A4
A3
A2
A1
A0
A15
A14
A13
A12
A11
A10
A9
A8
CC27I
CC26I
CC25I
CC24I
Direction
latch
Write DP1H.y/DP1L.y
Read DP1H.y / DP1L.y
Port output
latch
Write P1H.y/P1L.y
Read P1H.y/P1L.y
MUX
0
1
MUX
0
1
MUX
0
1
1
Input
latch
Clock
P1H.y
P1L.y
Output
buffer
y = 7 to 0
Alternate
function
enable
Port data
output
Alternate
data
output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com