Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 130Page - STMicroelectronics ST10F296E Datasheet HTML 131Page - STMicroelectronics ST10F296E Datasheet HTML 132Page - STMicroelectronics ST10F296E Datasheet HTML 133Page - STMicroelectronics ST10F296E Datasheet HTML 134Page - STMicroelectronics ST10F296E Datasheet HTML 135Page - STMicroelectronics ST10F296E Datasheet HTML 136Page - STMicroelectronics ST10F296E Datasheet HTML 137Page - STMicroelectronics ST10F296E Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
134/346
ODP2 register
13.4.2
Alternate functions of Port 2
All Port 2 lines (P2.15 to P2.0) can be configured as capture inputs or compare outputs
(CC15IO to CC0IO) for the CAPCOM1 unit.
When a Port 2 line is used as a capture input, the state of the input latch, which represents
the state of the port pin, is directed to the CAPCOM unit via the line ‘alternate pin data
input’. If an external capture trigger signal is used, the direction of the respective pin must be
set to input. If the direction is set to output, the state of the port output latch is read since the
pin represents the state of the output latch. This may trigger a capture event through
software by setting or clearing the port latch. Note that in the output configuration, no
external device may drive the pin, otherwise conflicts occur.
When a Port 2 line is used as a compare output (compare modes 1 and 3), the compare
event (or the timer overflow in compare mode 3) directly affects the port output latch. In
compare mode 1, when a valid compare match occurs, the state of the port output latch is
read by the CAPCOM control hardware via the line ‘alternate latch data input’. It is inverted
and written back to the latch via the line ‘alternate data output’. The port output latch is
clocked by the signal ‘compare trigger’ which is generated by the CAPCOM unit.
In compare mode 3, when a match occurs, the value 1 is written to the port output latch via
the line ‘alternate data output’. When an overflow of the corresponding timer occurs, a 0 is
written to the port output latch. In both cases, the output latch is clocked by the signal
‘compare trigger’. The direction of the pin should be set to output by the user, otherwise the
pin is in the high impedance state and does not reflect the state of the output latch.
As can be seen from the port structure (Figure 37), the user software always has free
access to the port pin even when it is used as a compare output. This is useful for setting up
the initial level of the pin when using compare mode 1 or the double-register mode. In these
modes, unlike in compare mode 3, the pin is not set to a specific value when a compare
match occurs. It is toggled instead.
When the user wants to write to the port pin at the same time a compare trigger tries to
clock the output latch, the write operation of the user software has priority. Each time a CPU
write access to the port output latch occurs, the input multiplexer of the port output latch is
switched to the line connected to the internal bus. The port output latch receives the value
from the internal bus and the hardware triggered change is lost.
ODP2 (F1C2h/E1h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
OD
P2
.15
OD
P2
.14
OD
P2
.13
OD
P2
.12
OD
P2
.11
OD
P2
.10
OD
P2
.9
OD
P2
.8
OD
P2
.7
OD
P2
.6
OD
P2
.5
OD
P2
.4
OD
P2
.3
OD
P2
.2
OD
P2
.1
OD
P2
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 73.
ODP2 register description
Bit
Bit name
Function
15-0
ODP2.y
Port open-drain control register ODP2 bit y
0: Port line P2.y output driver in push-pull mode
1: Port line P2.y output driver in open-drain mode
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com