Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 133Page - STMicroelectronics ST10F296E Datasheet HTML 134Page - STMicroelectronics ST10F296E Datasheet HTML 135Page - STMicroelectronics ST10F296E Datasheet HTML 136Page - STMicroelectronics ST10F296E Datasheet HTML 137Page - STMicroelectronics ST10F296E Datasheet HTML 138Page - STMicroelectronics ST10F296E Datasheet HTML 139Page - STMicroelectronics ST10F296E Datasheet HTML 140Page - STMicroelectronics ST10F296E Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
137/346
13.4.3
Port 2 and external interrupts
These interrupt inputs are provided to service external interrupts which have high precision
requirements. These fast interrupt inputs feature programmable edge detection (rising edge,
falling edge, or both edges).
Fast external interrupts may also have interrupt sources selected from other peripherals. For
example, the CANx controller receive signal (CANx_RxD) can be used to interrupt the
system. This new function of the ST10F296E is controlled using the ‘external interrupt
source selection’ register (EXISEL).
External interrupt source selection register (EXISEL)
EXISEL (F1DAh/EDh)
ESFR
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3210
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS(1)
1.
Alarm interrupt request (RTCAI) is linked with EXI3SS
EXI2SS(2)
2.
Timed interrupt request (RTCSI) is linked with EXI2SS
EXI1SS
EXI0SS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 75.
EXISEL register description
Bit
Bit name
Function
15-0
EXIxSS
External interrupt x source selection (x = 7 to 0)
00: Input from associated Port 2 pin
01: Input from ‘alternate source’(1)
10: Input from Port 2 pin ORed with ‘alternate source’(1)
11: Input from Port 2 pin ANDed with ‘alternate source’
1.
Advised configuration
Table 76.
External interrupt selection
EXIxSS
Port 2 pin
Alternate source
0
P2.8
CAN1_RxD
P4.5
1
P2.9
CAN2_RxD/SCL
P4.4
2
P2.10
RTCSI (second)
Internal MUX
3
P2.11
RTCAI (alarm)
Internal MUX
4 to 7
P2.12 to 15
Not used (zero)
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com