Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 134Page - STMicroelectronics ST10F296E Datasheet HTML 135Page - STMicroelectronics ST10F296E Datasheet HTML 136Page - STMicroelectronics ST10F296E Datasheet HTML 137Page - STMicroelectronics ST10F296E Datasheet HTML 138Page - STMicroelectronics ST10F296E Datasheet HTML 139Page - STMicroelectronics ST10F296E Datasheet HTML 140Page - STMicroelectronics ST10F296E Datasheet HTML 141Page - STMicroelectronics ST10F296E Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
138/346
13.5
Port 3
If this 15 bit port is used for general purpose I/O, the direction of each line can be configured
by the corresponding direction register DP3. Most port lines can be switched into push-pull
or open-drain mode by the open-drain control register ODP3 (pins P3.15 and P3.12 do not
support open-drain mode).
Due to pin limitations, register bit P3.14 is not connected to any output pin.
13.5.1
Port 3 registers
P3 register
DP3 register
P3 (FFC4h/E2h)
SFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
P3
.15
-
P3
.13
P3
.12
P3
.11
P3
.10
P3
.9
P3
.8
P3
.7
P3
.6
P3
.5
P3
.4
P3
.3
P3
.2
P3
.1
P3
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 77.
P3 register description
Bit
Bit name
Function
15, 13-0
P3.y
Port data register P3 bit y
DP3 (FFC6h/E3h)
SFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
DP3
.15
-
DP3
.13
DP3
.12
DP3
.11
DP3
.10
DP3
.9
DP3
.8
DP3
.7
DP3
.6
DP3
.5
DP3
.4
DP3
.3
DP3
.2
DP3
.1
DP3
.0
RW
-
RWRWRWRW
RWRW
RW
RW
RW
RW
RW
RW
RW
RW
Table 78.
DP3 register description
Bit
Bit name
Function
15, 13-0
DP3.y
Port direction register DP3 bit y
0: Port line P3.y is an input (high impedance)
1: Port line P3.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com