Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 147Page - STMicroelectronics ST10F296E Datasheet HTML 148Page - STMicroelectronics ST10F296E Datasheet HTML 149Page - STMicroelectronics ST10F296E Datasheet HTML 150Page - STMicroelectronics ST10F296E Datasheet HTML 151Page - STMicroelectronics ST10F296E Datasheet HTML 152Page - STMicroelectronics ST10F296E Datasheet HTML 153Page - STMicroelectronics ST10F296E Datasheet HTML 154Page - STMicroelectronics ST10F296E Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
151/346
Figure 47.
Port 5 I/O and alternate functions
Port 5 is an input only port where the analog input channels are directly connected to the
pins rather than to the input latches. For these reasons, Port 5 pins have a special port
structure (see Figure 48).
Figure 48.
Block diagram of a Port 5 pin
Port 5
Alternate functions
(a)
General purpose input
(b)
ADC input
Timer inputs
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
P5.15
P5.14
P5.13
P5.12
P5.11
P5.10
P5.9
P5.8
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
AN15
AN14
AN13
AN12
AN11
AN10
AN9
AN8
T2EUD
T4EUD
T5IN
T6IN
T5EUD
T6EUD
Read Port P5.y
Input
latch
Clock
P5.y/ANy
Read
buffer
To sample + hold
circuit
Channel
select
Analog
switch
y = 15 to 0
P5DIDIS.y
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com