Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 151Page - STMicroelectronics ST10F296E Datasheet HTML 152Page - STMicroelectronics ST10F296E Datasheet HTML 153Page - STMicroelectronics ST10F296E Datasheet HTML 154Page - STMicroelectronics ST10F296E Datasheet HTML 155Page - STMicroelectronics ST10F296E Datasheet HTML 156Page - STMicroelectronics ST10F296E Datasheet HTML 157Page - STMicroelectronics ST10F296E Datasheet HTML 158Page - STMicroelectronics ST10F296E Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
155/346
Figure 49.
Port 6 I/O and alternate functions
The chip select lines of Port 6 have an internal weak pull-up device. This device is switched
on under the following conditions:
●
During reset
●
If Port 6 line is used as a chip select output, the ST10F296E is in hold mode, and the
respective pin driver is in push-pull mode (ODP6.x = 0).
The pull-up device is implemented to drive the chip select lines high during reset to avoid
multiple chip selection and to allow another master to access the external memory via the
same chip select lines (AND-wired) while the ST10F296E is in hold mode.
When ODP6.x = 1 (open-drain output selected), the internal pull-up device is active during
hold mode and external pull-up devices must be used in this case. When entering hold
mode the CS lines are actively driven high for one clock phase, at which point the output
level is controlled by the pull-up devices (if activated).
After reset the CS function must be used. In this case, the port latches cannot be
programmed and the alternate function (CS) is selected automatically.
Table 92.
Port 6 alternate functions
Port 6
pin
Alternate function
CSSEL = 10
Alternate function
CSSEL = 01
Alternate function
CSSEL = 00
Alternate function
CSSEL = 11
P6.0
General purpose I/O
Chip select CS0
Chip select CS0
Chip select CS0
P6.1
General purpose I/O
Chip select CS1
Chip select CS1
Chip select CS1
P6.2
General purpose I/O
SCLK1
General purpose I/O
SCLK1
Chip select CS2
SCLK1
Chip select CS2
SCLK1
P6.3
General purpose I/O
MTSR1
General purpose I/O
MTSR1
General purpose I/O
MTSR1
Chip select CS3
MTSR1
P6.4
General purpose I/O
MRST1
General purpose I/O
MRST1
General purpose I/O
MRST1
Chip select CS4
MRST1
P6.5
HOLD external hold request input
P6.6
HLDA hold acknowledge output
P6.7
BREQ bus request output
Port 6
Alternate function
(a)
General purpose input/output
(b)
XSSC input/output
Bus arbitration
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
-
-
-
-
-
-
-
-
BREQ
HLDA
HOLD
CS4
CS3
CS2
CS1
CS0
-
-
-
-
-
-
-
-
BREQ
HLDA
HOLD
MRST1
MTSR1
SCLK1
CS1
CS0
-
-
-
-
-
-
-
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com