Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 152Page - STMicroelectronics ST10F296E Datasheet HTML 153Page - STMicroelectronics ST10F296E Datasheet HTML 154Page - STMicroelectronics ST10F296E Datasheet HTML 155Page - STMicroelectronics ST10F296E Datasheet HTML 156Page - STMicroelectronics ST10F296E Datasheet HTML 157Page - STMicroelectronics ST10F296E Datasheet HTML 158Page - STMicroelectronics ST10F296E Datasheet HTML 159Page - STMicroelectronics ST10F296E Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
156/346
Note:
The open-drain output option can only be selected via software during the initialization
routine. The CS0 signal is in push-pull output driver mode directly after reset (see Figure 50
on page 156).
The bus arbitration signals HOLD, HLDA and BREQ are selected with the HLDEN bit in the
PSW register. When the bus arbitration signals are enabled via HLDEN, these pins are
switched automatically to the appropriate direction. The pin drivers for HLDA and BREQ are
automatically enabled while the pin driver for HOLD is automatically disabled (see Figure 51
on page 157 and Figure 52 on page 158).
Figure 50.
Block diagram of Port 6 pins 7, 6, 1, 0
MUX
0
1
0
Open-drain
latch
Write ODP6.y
Read ODP6.y
Direction
latch
Write DP6.y
Read DP6.y
MUX
0
1
Input
latch
Clock
P6.y
Output
buffer
y = (7, 6, 1, 0)
Port output
latch
Read P6.y
Write P6.y
Alternate
data
output
MUX
0
1
MUX
0
1
1
MUX
Alternate
function
enable
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com