Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 156Page - STMicroelectronics ST10F296E Datasheet HTML 157Page - STMicroelectronics ST10F296E Datasheet HTML 158Page - STMicroelectronics ST10F296E Datasheet HTML 159Page - STMicroelectronics ST10F296E Datasheet HTML 160Page - STMicroelectronics ST10F296E Datasheet HTML 161Page - STMicroelectronics ST10F296E Datasheet HTML 162Page - STMicroelectronics ST10F296E Datasheet HTML 163Page - STMicroelectronics ST10F296E Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
160/346
ODP7 register
13.9.2
Alternate functions of Port 7
The upper 4 lines of Port 7 (P7.7 to P7.4) are used as capture inputs or compare outputs
(CC31IO to CC28IO) for the CAPCOM2 unit.
Port 7 lines are connected to the CAPCOM2 unit and handled by software in a similar way to
Port 2 lines (see Section 13.4.2: Alternate functions of Port 2 on page 134.
The capture input function of pins P7.7 to P7.4 can be used as external interrupt inputs with
a sample rate of eight CPU clock cycles.
The lower 4 lines of Port 7 (P7.3 to P7.0) supports outputs of the PWM module (POUT3 to
POUT0). At these pins, the value of the respective port output latch is XORed with the value
of the PWM output rather than ANDed. This allows the alternate output value to be used as
it is (port latch holds a 0) or to be inverted at the pin (port latch holds a 1).
The PWM outputs must be enabled via the respective PENx bit in the PWMCON1 register.
Table 96 summarizes the alternate functions of Port 7.
ODP7 (F1D2h/E9h)
ESFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
OD
P7.7
OD
P7.6
OD
P7.5
OD
P7.4
OD
P7.3
OD
P7.2
OD
P7.1
OD
P7.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 95.
ODP7 register description
Bit
Bit name
Function
7-0
ODP7.y
Port open-drain control register ODP7 bit y
0: Port line P7.y output driver in push-pull mode
1: Port line P7.y output driver in open-drain mode
Table 96.
Port 7 alternate functions
Port 7 pin
Alternate function
P7.0
P7.1
P7.2
P7.3
P7.4
P7.5
P7.6
P7.7
POUT0
POUT1
POUT2
POUT3
CC28 I/O
CC29 I/O
CC30 I/O
CC31 I/O
PWM mode channel 0 output
PWM mode channel 1 output
PWM mode channel 2 output
PWM mode channel 3 output
Capture input/compare output channel 28
Capture input/compare output channel 29
Capture input/compare output channel 30
Capture input/compare output channel 31
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com