Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 160Page - STMicroelectronics ST10F296E Datasheet HTML 161Page - STMicroelectronics ST10F296E Datasheet HTML 162Page - STMicroelectronics ST10F296E Datasheet HTML 163Page - STMicroelectronics ST10F296E Datasheet HTML 164Page - STMicroelectronics ST10F296E Datasheet HTML 165Page - STMicroelectronics ST10F296E Datasheet HTML 166Page - STMicroelectronics ST10F296E Datasheet HTML 167Page - STMicroelectronics ST10F296E Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
164/346
ODP8 register
XS1PORT register
This register is enabled and visible only when the XPEN and XASCEN bits of the SYSCON
and XPERCON registers respectively are set. However, when ASC1 is disabled, the
standard P8, DP8 and ODP8 registers must be used to configure pins P8.6 and P8.7.
ODP8 (F1D6h/EBh)
ESFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
OD
P8.7
OD
P8.6
OD
P8.5
OD
P8.4
OD
P8.3
OD
P8.2
OD
P8.1
OD
P8.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 99.
ODP8 register description
Bit
Bit name
Function
7-0
ODP8.y
Port open-drain control register ODP8 bit y
0: Port line P8.y output driver in push-pull mode
1: Port line P8.y output driver in open-drain mode
XS1PORT (E980h)
XBus
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
---
---
---
XOD
P8.7
X
P8.7
XD
P8.7
XOD
P8.6
X
P8.6
XD
P8.6
-
---
---
-
-
-
RW
RW
RW
RW
RW
RW
Table 100.
XS1PORT register description
Bit
Bit name
Function
5, 2
XODP8.y
Port open-drain control register bit y (y = 6, 7 only)
0: Port line P8.y output driver in push-pull mode
1: Port line P8.y output driver in open-drain mode
4, 1
XP8.y
Port data register bit y (y = 6, 7 only)
3, 0
XDP8.y
Port direction register bit y (y = 6, 7 only)
0: Port line P8.y is an input (high impedance)
1: Port line P8.y is an output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com