Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 161Page - STMicroelectronics ST10F296E Datasheet HTML 162Page - STMicroelectronics ST10F296E Datasheet HTML 163Page - STMicroelectronics ST10F296E Datasheet HTML 164Page - STMicroelectronics ST10F296E Datasheet HTML 165Page - STMicroelectronics ST10F296E Datasheet HTML 166Page - STMicroelectronics ST10F296E Datasheet HTML 167Page - STMicroelectronics ST10F296E Datasheet HTML 168Page - STMicroelectronics ST10F296E Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
165/346
13.10.2
Alternate functions of Port 8
All Port 8 lines (P8.7 to P8.0) support capture inputs or compare outputs (CC23IO to
CC16IO) for the CAPCOM2 unit (see Table 101). See Section 13.4.2: Alternate functions of
Port 2 on page 134 for the use of the port lines by the CAPCOM unit, its accessibility via
software, and precautions, all of which are the same as described for Port 2 lines.
The capture input function of pins P8.7 to P8.0 can be used as external interrupt inputs with
a sample rate of eight CPU clock cycles. The pins of Port 8 combine internal bus data and
alternate data output before the port latch input.
Figure 56.
Port 8 I/O and alternate functions
Table 101.
Port 8 alternate functions
Port 8
pin
Alternate function (a)
Alternate function (b)
P8.0
CC16IO
Capture input/compare output ch. 16
-
P8.1
CC17IO
Capture input/compare output ch. 17
-
P8.2
CC18IO
Capture input/compare output ch. 18
-
P8.3
CC19IO
Capture input/compare output ch. 19
-
P8.4
CC20IO
Capture input/compare output ch. 20
-
P8.5
CC21IO
Capture input/compare output ch. 21
-
P8.6
CC22IO
Capture input/compare output ch. 22
RxD1 XASC receive data input/output
P8.7
CC23IO
Capture input/compare output ch. 23
TxD1
XASC transmit data output
Port 8
Alternate function
(a)
General purpose input/output
(b)
XASC input/output
CAPCOM2 input/output
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
-
-
-
-
-
-
-
-
CC23IO
CC22IO
CC21IO
CC20IO
CC19IO
CC18IO
CC17IO
CC16IO
-
-
-
-
-
-
-
-
TxD1
RxD1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com