Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 165Page - STMicroelectronics ST10F296E Datasheet HTML 166Page - STMicroelectronics ST10F296E Datasheet HTML 167Page - STMicroelectronics ST10F296E Datasheet HTML 168Page - STMicroelectronics ST10F296E Datasheet HTML 169Page - STMicroelectronics ST10F296E Datasheet HTML 170Page - STMicroelectronics ST10F296E Datasheet HTML 171Page - STMicroelectronics ST10F296E Datasheet HTML 172Page - STMicroelectronics ST10F296E Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
169/346
13.11
XPort 9
XPort 9 is enabled by setting the XPEN and XPORTEN bits of the SYSCON and XPERCON
registers respectively. On the XBus interface, the registers are not bit-addressable.
This 16-bit port is used for general purpose I/O. The direction of each line can be configured
via the corresponding direction register XDP9. Each port line can be switched into push-pull
or open-drain output mode via the open-drain control register XODP9. The port lines can
also be switeched into TTL/CMOS input through the input threshold control register
XPICON9 (Section 13.1.2: Input threshold control on page 121).
All port lines can be individually (bit-wise) programmed. The ‘bit-addressable’ feature is
available via specific ‘set’ and ‘clear’ registers: XP9SET, XP9CLR, XDP9SET, XDP9CLR,
XODP9SET, XODP9CLR, XPICON9SET, and XPICON9CLR.
13.11.1
XPort 9 registers
XP9 register
XP9SET register
XP9 (EB80h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XP9
.15
XP9
.14
XP9
.13
XP9
.12
XP9
.11
XP9
.10
XP9
.9
XP9
.8
XP9
.7
XP9
.6
XP9
.5
XP9
.4
XP9
.3
XP9
.2
XP9
.1
XP9
.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 102.
XP9 register description
Bit
Bit name
Function
15-0
XP9.y
Port data register XP9 bit y
XP9SET (EB82h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XP9
SET
.15
XP9
SET
.14
XP9
SET
.13
XP9
SET
.12
XP9
SET
.11
XP9
SET
.10
XP9
SET
.9
XP9
SET
.8
XP9
SET
.7
XP9
SET
.6
XP9
SET
.5
XP9
SET
.4
XP9
SET
.3
XP9
SET
.2
XP9
SET
.1
XP9
SET
.0
WWWWW
WWW
W
WWWWW
WW
Table 103.
XP9SET register description
Bit
Bit name
Function
15-0
XP9SET.y
Writing a 1 sets the corresponding bit of the XP9.y register. Writing a 0
has no effect.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com