Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 168Page - STMicroelectronics ST10F296E Datasheet HTML 169Page - STMicroelectronics ST10F296E Datasheet HTML 170Page - STMicroelectronics ST10F296E Datasheet HTML 171Page - STMicroelectronics ST10F296E Datasheet HTML 172Page - STMicroelectronics ST10F296E Datasheet HTML 173Page - STMicroelectronics ST10F296E Datasheet HTML 174Page - STMicroelectronics ST10F296E Datasheet HTML 175Page - STMicroelectronics ST10F296E Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
172/346
XODP9CLR register
13.12
XPort 10
XPort 10 is enabled by setting the XPEN and XPORT10EN/XPORT9EN bits of the
SYSCON and XPERCON registers respectively. On the XBus interface, the register are not
bit-addressable. This 16-bit input port can only read data. There is no output latch and no
direction register. Data written to XP10 are lost.
13.12.1
XPort 10 registers
XP10 register
XODP9CLR (EB90h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XO
DP9
CLR
.15
XO
DP9
CLR
.14
XO
DP9
CLR
.13
XO
DP9
CLR
.12
XO
DP9
CLR
.11
XO
DP9
CLR
.10
XO
DP9
CLR
.9
XO
DP9
CLR
.8
XO
DP9
CLR
.7
XO
DP9
CLR
.6
XO
DP9
CLR
.5
XO
DP9
CLR
.4
XO
DP9
CLR
.3
XO
DP9
CLR
.2
XO
DP9
CLR
.1
XO
DP9
CLR
.0
WWWWW
WWW
W
WWWWW
WW
Table 110.
XODP9CLR register description
Bit
Bit name
Function
15-0
XODP9CLR.y
Writing a 1 clears the corresponding bit of the XODP9.y register. Writing a
0 has no effect.
XP10 (EBC0h)
XBus
Reset value: XXXXh
15
14
13
12
11
10
987
65432
10
XP1
0.15
XP1
0.14
XP1
0.13
XP1
0.12
XP1
0.11
XP1
0.10
XP1
0.9
XP1
0.8
XP1
0.7
XP1
0.6
XP1
0.5
XP1
0.4
XP1
0.3
XP1
0.2
XP1
0.1
XP1
0.0
RRR
RRRR
R
RRRR
RRRR
Table 111.
XP10 register description
Bit
Bit name
Function
15-0
XP10.y
Port data register XP10 bit y
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com