Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 171Page - STMicroelectronics ST10F296E Datasheet HTML 172Page - STMicroelectronics ST10F296E Datasheet HTML 173Page - STMicroelectronics ST10F296E Datasheet HTML 174Page - STMicroelectronics ST10F296E Datasheet HTML 175Page - STMicroelectronics ST10F296E Datasheet HTML 176Page - STMicroelectronics ST10F296E Datasheet HTML 177Page - STMicroelectronics ST10F296E Datasheet HTML 178Page - STMicroelectronics ST10F296E Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
175/346
XP10DIDISSET register
XP10DIDISCLR register
XP10DIDISSET (EBD4h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XP1
0DI
DIS
SET
.15
XP1
0DI
DIS
SET
.14
XP1
0DI
DIS
SET
.13
XP1
0DI
DIS
SET
.12
XP1
0DI
DIS
SET
.11
XP1
0DI
DIS
SET
.10
XP1
0DI
DIS
SET
.9
XP1
0DI
DIS
SET
.8
XP1
0DI
DIS
SET
.7
XP1
0DI
DIS
SET
.6
XP1
0DI
DIS
SET
.5
XP1
0DI
DIS
SET
.4
XP1
0DI
DIS
SET
.3
XP1
0DI
DIS
SET
.2
XP1
0DI
DIS
SET
.1
XP1
0DI
DIS
SET
.0
WWWWW
WWW
W
WWWWW
WW
Table 114.
XP10DIDISSET register description
Bit
Bit name
Function
15-0
XP10DIDISSET.y
Writing a 1 sets the corresponding bit of the XP10DIDIS.y register. Writing
a 0 has no effect.
XP10DIDISCLR (EBD6h)
XBus
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
XP1
0DI
DIS
CLR
.15
XP1
0DI
DIS
CLR
.14
XP1
0DI
DIS
CLR
.13
XP1
0DI
DIS
CLR
.12
XP1
0DI
DIS
CLR
.11
XP1
0DI
DIS
CLR
.10
XP1
0DI
DIS
CLR
.9
XP1
0DI
DIS
CLR
.8
XP1
0DI
DIS
CLR
.7
XP1
0DI
DIS
CLR
.6
XP1
0DI
DIS
CLR
.5
XP1
0DI
DIS
CLR
.4
XP1
0DI
DIS
CLR
.3
XP1
0DI
DIS
CLR
.2
XP1
0DI
DIS
CLR
.1
XP1
0DI
DIS
CLR
.0
WWWWW
WWW
W
WWWWW
WW
Table 115.
XP10DIDISCLR register description
Bit
Bit name
Function
15-0 XP10DIDISCLR.y
Writing a 1 clears the corresponding bit of the XP10DIDIS.y register.
Writing a 0 has no effect.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com